Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 50 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 46Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 47Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 48Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 49Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 50Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 51Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 52Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 53Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
7.6.24 FUNCTION_CONFIG Register (0x40)
The FUNCTION_CONFIG sets the default configuration for special features of the device.
Figure 47. FUNCTION_CONFIG Register
7
6
5
4
3
2
1
0
0
0
GPAI_REF
GPAI_SRC
CN[1]
CN[0]
Reserved
Table 19. FUNCTION_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
5
GPAI_REF
This bit sets the reference for the GPAI ADC measurement.
0 = Internal ADC bandgap reference
1 = VREG50 (ratiometric)
4
GPAI_SRC
This
bit
controls
multiplexing
of
the
GPAI
register
and
determines whether the ADC mux is connected to the external
GPAI inputs, or internally to the BAT1 pin. The register results
are automatically scaled to match the input.
0 = External GPAI inputs are converted to result in GPAI register
0x01–02.
1 = BAT pin to VSS voltage is measured and reported in the
GPAI register.
3-2
CN[n]
These two bits configure the number of series cells used. If
fewer than 6 cells are configured, the corresponding OV/UV
faults are ignored. For example, if the CN[x] bits are set to 10b
(2), then the OV/UV comparators are ignored for cells 5 and 6.
Refer to Table 20.
1-0
Reserved
Table 20. Series Cells
CN[1]
CN[0]
Series Cells
0
0
6 (DEFAULT)
0
1
5
1
0
4
1
1
3
50
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com