Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 9Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 10Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 11Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
6.5 Electrical Characteristics
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
No load at REG50, SCLK_N, SDI_N, SDO_N, FAULT_N,
CONV_N, DRDY_S, ALERT_N, TSx, AUX, or CBx;
ICCSLEEP
Supply current
12
20
µA
CB_CTRL = 0; CBT_CONTROL = 0;
CONV_H = 0 (not converting), IO_CTRL[SLEEP] = 1
No load at REG50, SCLK_N, SDI_N, SDO_N, FAULT_N,
CONV_N, DRDY_S, ALERT_N, TSx, AUX, or CBx;
ICCPROTECT
Supply current
45
60
µA
CB_CTRL = 0; CBT_CONTROL = 0;
CONV_H = 0 (not converting), IO_CTRL[SLEEP] = 0
No load at REG50, SCLK_N, SDI_N, SDO_N, FAULT_N,
CONV_N, DRDY_S, ALERT_N, TSx, or AUX;
ICCBALANCE
Supply current
46
60
µA
No DC load at CBx; CB_CTRL
≠ 0; CBT_CONTROL ≠ 0;
CONV_H = 0 (not converting) , IO_CTRL[SLEEP] = 0
No load at REG50, SCLK_N, SDI_N, SDO_N, FAULT_N,
ICCCONVERT
Supply current
CONV_N, DRDY_S, ALERT_N, TSx or CBx; CONV_S = 1
10.5
15
mA
(conversion active) , IO_CTRL[SLEEP] = 0
ICCTSD
Supply current
Thermal shutdown activated; ALERT_STATUS[TSD] = 1
1.6
mA
REG50, INTEGRATED 5-V LDO
VREG50
Output voltage
IREG50OUT ≤ 0.5 mA, C = 2.2 μF to 22 μF
4.9
5
5.1
V
ΔVREG50LINE
Line regulation
6 V
≤ BAT ≤ 27 V, IREG50OUT = 2 mA
10
25
mV
0.2 mA
≤ IREG50OUT ≤ 2 mA
15
ΔVREG50LOAD Load regulation
mV
0.2 mA
≤ IREG50OUT ≤ 5 mA
25
IREG50MAX
Current limit
12
25
35
mA
IAUXMAX
Maximum load
AUX pin
5
mA
I = 1 mA, max. capacitance = VREG50
RAUX
AUX output
50
Ω
Capacitor: CVAUX ≤ CVREG50 / 10
LEVEL SHIFT INTERFACE
INTX1
North 1 transmitter
SCLK_N, CS_N, SDI_N, CONV_N
1000
1350
1800
µA
current
INTX0
North 0 transmitter
CS_N, CONV_N
1
µA
current
North 0 transmitter
INTX0A
SCLK_N, SDI_N (BASE device CS_H = 1)
1
µA
current
North 0 transmitter
INTX0B
SCLK_N, SDI_N (BASE device CS_H = 0)
50
75
110
µA
current
South 1 receiver
ISRX
SCLK_S, CS_S, SDI_S, CONV_S
430
550
680
µA
threshold
South receiver
ISRXH
SCLK_S, CS_S, SDI_S, CONV_S
50
100
200
µA
hysteresis
South 1 transmitter
ISTX1
ALERT_N, FAULT_S, DRDY_S
800
1100
1400
µA
current
South 0 transmitter
ISTX0
ALERT_S, FAULT_S, DRDY_S
1
µA
current
South 0 transmitter
ISTX0B
SDO_S (BASE device CS_H = 0)
1
4
7
µA
current
North 1 receiver
INRX
SDO_N, ALERT_N, FAULT_N, DRDY_N
420
580
720
µA
threshold
North receiver
INRXH
SDO_N, ALERT_N, FAULT_N, DRDY_N
50
100
200
µA
hysteresis
CIN
Input capacitance
15
pF
8
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com