Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 30Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 31Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 32Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 33Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 34Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 35Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Once
the
address
is
written,
the
ADDRESS_CONTROL[AR]
bit
is
set
which
is
copied
to
the
DEVICE_STATUS[AR] and also ALERT_S if ALERT_N is also de-asserted. This allows the CS_N pin to follow
(asserted) the CS_S pin assertions. The process of addressing can now be repeated as device ‘n’ has a new
address and device n+1 has the default address of 0x00, and can be changed to its correct address in the stack.
If a device loses its address through a POR or it is replaced then this device will be the highest logical device in
the stack able to be addressed (0x00) as its CS_N will be disabled and the addressing process is required for
this and higher devices.
7.3.8 Changes and Enhancements for bq76PL536A
•
Improved power management during CRC faults – Configuration bit IO_CONFIG[CRCNOFLT] (bit7) was
added to disable CRC fault from asserting the FAULT pin. This feature is useful under very low-power
operating conditions.
•
ADC accuracy improvements – The conversion timing is now fixed at 6 µs, offering improved accuracy over
the original bq76PL536.
•
Improved ADC automatic mode functionality, allowing optimized and fully automatic internal power
management (ADC_CTRL[ADC_ON] = 0) during normal operation at sample rates (time between
conversions) > 10 ms.
•
Pin DRDY logic now indicates conversion status of all devices in the system.
•
Improved VBUS communications reduce noise, enhance drive levels and hysteresis to improve battery stack
communications, and eliminate eight external components or more. Support for longer distances between ICs
and/or higher speeds for implementing large battery stack sizes.
•
Improved flowchart for device addressing provided in data sheet.
Spacer
7.4 Device Functional Modes
7.4.1 SLEEP Functionality
The bq76PL536A provides the host a mechanism to put the part into a low-power sleep state by setting the
IO_CONTROL[SLEEP] bit. When this bit is set/reset, the following actions occur as stated in the following
paragraphs.
7.4.1.1 SLEEP State Entry (Bit Set)
If a conversion is in progress, the device waits for it to complete, then sets DRDY true (high).
The device sets the ALERT_STATUS[SLEEP] bit, which in turn causes the ALERT pin to be asserted.
The device gates off all other sources of FAULT or ALERT except ALERT[SLEEP]. The existing state of the
FAULT and ALERT registers is preserved. The host should service and reset the ALERT generated by the
SLEEP bit being set to minimize SLEEP state current draw by writing a 1 to ALERT[SLEEP] followed by a 0 to
ALERT[SLEEP]. The ALERT North-South signal chain can draw up to approximately 1 mA of current when
active, so this ALERT source should be cleared prior to the host entering the SLEEP state of its own. This
signaling is provided to notify the host that the unmonitored/unprotected state is being entered.
The REG50 LDO is shut down and the output is allowed to float. The ADC, its reference, and clocks are
disabled. The COV, CUV, and OT circuits are disabled, and their band-gap reference shut off.
CAUTION
The SLEEP State effectively removes protection and monitoring from the cells; the
designer should take the necessary design steps and verifications to ensure the cells
cannot be put into an unsafe condition by other parts of the system or usage
characteristics.
34
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com