Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 27Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 28Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 29Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 30Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 31Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 32Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 33Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 34Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
Reg Address
0
Device Address
1
RegData
CRC
R/W
WritePacket
CS Assertion
DEV ADDR
CS
1 byte
time
REG ADDR
WRT DATA
CRC
DEV ADDR
REG ADDR
Startofnextpacket
SDI
...
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.3.6.2 Data Write Packet
When the bq76PL536A is selected (CS_S is active and the bq76PL536A has been addressed) and a write
request has been initiated, the bq76PL536A receives data through the SDI_S pin, which is connected to the
SDO_N of the lower device. For the first device in the stack, the data is input to the SDI_H pin from the host, and
transmitted up the stack on the SDI_S pin to the SDI_N pin of the next higher device. If enabled, the device
checks the CRC, which it expects as the last byte sent. If the CRC is valid, no action is taken. If the CRC is
invalid or missing, the device asserts the ALERT_S signal to the next lower device, which ripples down the stack
to the ALERT_H pin on the lowest device. The host should then take action to clear the condition. See Figure 20
and Figure 21 for details.
Unused or undefined register bits should be written as zeros.
Figure 20. WRITE Packet Format
Figure 21. WRITE Packet Detail
7.3.6.3 Broadcast Writes
The bq76PL536A supports broadcasting single register writes to all devices. A write to device address 0x3f is
recognized by all devices on the bus with a valid address, and permits efficient simultaneous configuration of all
registers in the stack of devices. This also permits synchronizing all ADC conversions by a firmware command
sent to the CONVERT_CTRL register as an alternative to using the CONV and DRDY pins.
7.3.6.4 Communications Packet Structure
The bq76PL536A has two primary communication modes through the SPI interface. These two modes enable
single-byte read / write and multiple data reads. All writes are single-byte; the logical address is shifted one bit
left, and the LSB = 1 for writing.
All transactions are in the form of packets comprising:
Table 4. Communication Packet Order
BYTE
DESCRIPTION
#1
6-bit bq76PL536A slave address + R/W bit 0b0xxx xxxW
#2
Starting data-register offset
#3
Number of data bytes to be read (n) (omitted for writes)
#4 to 3+n
Data bytes
#4+n
CRC (omit if IO_CONFIG[CRC_DIS] = 1)
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com