Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 24Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 25Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 26Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 27Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 28Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 29Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 30Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 31Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
The 2.2-µF output capacitor is required whether REG50 is used in the design or not.
REG50 is disabled in SLEEP mode, and may be turned off under thermal-shutdown conditions, and therefore
should not be used as a pullup source for terminating device pins where required.
7.3.3.1.4
Auxiliary Power Output (AUX)
The bq76PL536A provides an approximately 1-mA auxiliary power output that is controlled through
IO_CONTROL[AUX]. This output is taken directly from REG50. The current drawn from this pin must be included
in the REG50 current-limit budget by the designer.
7.3.3.2 Undervoltage Lockout and Power-On Reset
The device incorporates two comparators to detect low VBAT conditions. The first detects low voltage where some
device digital operations are still available. The second, (POR) detects a voltage below which device operation is
not ensured.
7.3.3.2.1
UVLO
When the UVLO threshold voltage is sensed for a period
≥ UVLODELAY, the device is no longer able to make
accurate analog measurements and conversions. The ADC, cell-balancing and fault-detection circuitry are
disabled. The digital circuitry, including host CPU and vertical communications between ICs, is fully functional.
Register contents are preserved with the exception that CB_CTRL is set to 0, and the UVLO bit is set in
DEVICE_STATUS.
7.3.3.2.2
Power-On Reset (POR)
When the POR voltage threshold or lower is sensed for a period
≥ UVLODELAY, the device is no longer able to
function reliably. The device is disabled, including all fault-detection circuitry, host SPI communications, vertical
communications, and so forth.
After the voltage rises above the hysteresis limit longer than the delay time, the device exits the reset state, with
all registers set to default conditions. The FAULT_STATUS[POR] bit is set and latched until reset by the host.
The device no longer has a valid address (DEVICE_ADDRESS[AR] = 0, ADDRESS_CONTROL = 0). The device
should be reprogrammed with a valid address, and any registers re-written if non-default values are desired.
7.3.3.2.3
Reset Command
The bq76PL536A can also be reset by writing the reset code (0xa5) to the RESET register. All devices respond
to a broadcast RESET command regardless of their current assigned address. The result is identical to a POR
with the exception that the normal POR period is reduced to several hundred microseconds.
7.3.3.3 Thermal Shutdown (TSD)
The bq76PL536A contains an integrated thermal shutdown circuit whose sensor is located near the REG50 LDO
and has a threshold of TSD. When triggered, the REG50 regulator reduces its output voltage to zero, and the
ADC is turned off to conserve power. The thermal shutdown circuit has a built-in hysteresis that delays recovery
until the die has cooled slightly. When the thermal shutdown is active, the DEVICE_STATUS[TSD] bit is set. The
IO_CONTROL[SLEEP] and ALERT[SLEEP] bits also become set to reduce power consumption.
CAUTION
In the TSD state, the following are DISABLED:
•
REG50 and AUX outputs
•
Secondary protector settings
Due to the loss of REG50 and AUX outputs, any measurements (for example, voltage
on a thermistor biased by either) should be considered incorrect.
Any external protection schemes depending on either of these voltages will also be
impacted and the system designer shall make the appropriate decisions based on this.
28
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com