Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 229 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 229 Page - SPANSION

Back Button MB91F528 Datasheet HTML 225Page - SPANSION MB91F528 Datasheet HTML 226Page - SPANSION MB91F528 Datasheet HTML 227Page - SPANSION MB91F528 Datasheet HTML 228Page - SPANSION MB91F528 Datasheet HTML 229Page - SPANSION MB91F528 Datasheet HTML 230Page - SPANSION MB91F528 Datasheet HTML 231Page - SPANSION MB91F528 Datasheet HTML 232Page - SPANSION MB91F528 Datasheet HTML 233Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 241 page
background image
D a t a S h e e t
226
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
 ORDERING INFORMATION
Part number
Sub clock
CSV Initial value
LVD Initial value
Package*
1
MB91F528YWCPB
Yes
ON
ON
BGA•416 pin,
Plastic (BGA-416P-M05)
MB91F528YYCPB
OFF
MB91F528YJCPB
OFF
ON
MB91F528YLCPB
OFF
MB91F527YWCPB
ON
ON
MB91F527YYCPB
OFF
MB91F527YJCPB
OFF
ON
MB91F527YLCPB
OFF
MB91F528YSCPB
None
ON
ON
MB91F528YUCPB
OFF
MB91F528YHCPB
OFF
ON
MB91F528YKCPB
OFF
MB91F527YSCPB
ON
ON
MB91F527YUCPB
OFF
MB91F527YHCPB
OFF
ON
MB91F527YKCPB
OFF
MB91F528MWCPMC
Yes
ON
ON
LQFP•208 pin,
Plastic (FPT-208P-M06)
MB91F528MYCPMC
OFF
MB91F528MJCPMC
OFF
ON
MB91F528MLCPMC
OFF
MB91F527MWCPMC
ON
ON
MB91F527MYCPMC
OFF
MB91F527MJCPMC
OFF
ON
MB91F527MLCPMC
OFF
MB91F528MSCPMC
None
ON
ON
MB91F528MUCPMC
OFF
MB91F528MHCPMC
OFF
ON
MB91F528MKCPMC
OFF
MB91F527MSCPMC
ON
ON
MB91F527MUCPMC
OFF
MB91F527MHCPMC
OFF
ON
MB91F527MKCPMC
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com