Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 230 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 230 Page - SPANSION

Back Button MB91F528 Datasheet HTML 226Page - SPANSION MB91F528 Datasheet HTML 227Page - SPANSION MB91F528 Datasheet HTML 228Page - SPANSION MB91F528 Datasheet HTML 229Page - SPANSION MB91F528 Datasheet HTML 230Page - SPANSION MB91F528 Datasheet HTML 231Page - SPANSION MB91F528 Datasheet HTML 232Page - SPANSION MB91F528 Datasheet HTML 233Page - SPANSION MB91F528 Datasheet HTML 234Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
227
CONFIDENTIAL
Part number
Sub clock
CSV Initial value
LVD Initial value
Package*
1
MB91F528UWCPMC
Yes
ON
ON
LQFP•176 pin,
Plastic (FPT-176P-M07)
MB91F528UYCPMC
OFF
MB91F528UJCPMC
OFF
ON
MB91F528ULCPMC
OFF
MB91F527UWCPMC
ON
ON
MB91F527UYCPMC
OFF
MB91F527UJCPMC
OFF
ON
MB91F527ULCPMC
OFF
MB91F528USCPMC
None
ON
ON
MB91F528UUCPMC
OFF
MB91F528UHCPMC
OFF
ON
MB91F528UKCPMC
OFF
MB91F527USCPMC
ON
ON
MB91F527UUCPMC
OFF
MB91F527UHCPMC
OFF
ON
MB91F527UKCPMC
OFF
MB91F528RWCPMC
Yes
ON
ON
LQFP•144 pin,
(Lead pitch 0.5mm)
Plastic (FPT-144P-M08)
MB91F528RYCPMC
OFF
MB91F528RJCPMC
OFF
ON
MB91F528RLCPMC
OFF
MB91F527RWCPMC
ON
ON
MB91F527RYCPMC
OFF
MB91F527RJCPMC
OFF
ON
MB91F527RLCPMC
OFF
MB91F528RSCPMC
None
ON
ON
MB91F528RUCPMC
OFF
MB91F528RHCPMC
OFF
ON
MB91F528RKCPMC
OFF
MB91F527RSCPMC
ON
ON
MB91F527RUCPMC
OFF
MB91F527RHCPMC
OFF
ON
MB91F527RKCPMC
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com