Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 232 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 232 Page - SPANSION

Back Button MB91F528 Datasheet HTML 228Page - SPANSION MB91F528 Datasheet HTML 229Page - SPANSION MB91F528 Datasheet HTML 230Page - SPANSION MB91F528 Datasheet HTML 231Page - SPANSION MB91F528 Datasheet HTML 232Page - SPANSION MB91F528 Datasheet HTML 233Page - SPANSION MB91F528 Datasheet HTML 234Page - SPANSION MB91F528 Datasheet HTML 235Page - SPANSION MB91F528 Datasheet HTML 236Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
229
CONFIDENTIAL
Part number
Sub clock
CSV Initial value
LVD Initial value
Package*
1
MB91F528UWCEQ
Yes
ON
ON
TEQFP•176 pin,
Plastic (FPT-176P-M18)
MB91F528UYCEQ
OFF
MB91F528UJCEQ
OFF
ON
MB91F528ULCEQ
OFF
MB91F527UWCEQ
ON
ON
MB91F527UYCEQ
OFF
MB91F527UJCEQ
OFF
ON
MB91F527ULCEQ
OFF
MB91F528USCEQ
None
ON
ON
MB91F528UUCEQ
OFF
MB91F528UHCEQ
OFF
ON
MB91F528UKCEQ
OFF
MB91F527USCEQ
ON
ON
MB91F527UUCEQ
OFF
MB91F527UHCEQ
OFF
ON
MB91F527UKCEQ
OFF
MB91F528RWCEQ
Yes
ON
ON
TEQFP•144 pin,
Plastic (planning*
2)
MB91F528RYCEQ
OFF
MB91F528RJCEQ
OFF
ON
MB91F528RLCEQ
OFF
MB91F527RWCEQ
ON
ON
MB91F527RYCEQ
OFF
MB91F527RJCEQ
OFF
ON
MB91F527RLCEQ
OFF
MB91F528RSCEQ
None
ON
ON
MB91F528RUCEQ
OFF
MB91F528RHCEQ
OFF
ON
MB91F528RKCEQ
OFF
MB91F527RSCEQ
ON
ON
MB91F527RUCEQ
OFF
MB91F527RHCEQ
OFF
ON
MB91F527RKCEQ
OFF
*1: For details of the package, see " PACKAGE DIMENSIONS ".
*2: TEQFP-144pin is planning. Please contact sales representatives about details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com