Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 235 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 235 Page - SPANSION

Back Button MB91F528 Datasheet HTML 231Page - SPANSION MB91F528 Datasheet HTML 232Page - SPANSION MB91F528 Datasheet HTML 233Page - SPANSION MB91F528 Datasheet HTML 234Page - SPANSION MB91F528 Datasheet HTML 235Page - SPANSION MB91F528 Datasheet HTML 236Page - SPANSION MB91F528 Datasheet HTML 237Page - SPANSION MB91F528 Datasheet HTML 238Page - SPANSION MB91F528 Datasheet HTML 239Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 241 page
background image
D at aS h ee t
176-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
24.0 × 24.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Code
(Reference)
P-LQFP-0176-2424-0.5 0
176-pin plastic LQFP
(FPT-176P-M07)
(FPT-176P-M07)
C
Details of "A" part
0°~8°
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.25(.010)
(Stand off)
(.004±.004)
0.10±0.10
1.50
+0.20
–0.10
+.008
–.004
.059
(Mounting height)
0.08(.003)
(.006±.002)
0.145±0.055
"A"
INDEX
1
LEAD No.
44
45
88
89
132
133
176
0.50(.020)
0.22±0.05
(.009±.002)
M
0.08(.003)
*24.00±0.10(.945±.004)SQ
26.00±0.20(1.024±.008)SQ
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) * : Values do not include resin protrusion.
Resin protrusion is +0.25(.010)Max(each side).
Note 2) Pins width and pins thickness include plating thickness
Note 3) Pins width do not include tie bar cutting remainder.
2004-2010 FUJITSU SEMICONDUCTOR LIMITED F176013S-c-1-3
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/package/en-search/
232
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com