Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528 Datasheet(PDF) 239 Page - SPANSION

Part # MB91F528
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528 Datasheet(HTML) 239 Page - SPANSION

Back Button MB91F528 Datasheet HTML 233Page - SPANSION MB91F528 Datasheet HTML 234Page - SPANSION MB91F528 Datasheet HTML 235Page - SPANSION MB91F528 Datasheet HTML 236Page - SPANSION MB91F528 Datasheet HTML 237Page - SPANSION MB91F528 Datasheet HTML 238Page - SPANSION MB91F528 Datasheet HTML 239Page - SPANSION MB91F528 Datasheet HTML 240Page - SPANSION MB91F528 Datasheet HTML 241Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 239 / 241 page
background image
D at aS h ee t
416-pin plastic PBGA
Lead pitch
1.00 mm
Package width ×
package length
27.00 mm × 27.00 mm
Lead shape
Ball
Sealing method
Plastic mold
Mounting height
2.37 mm MAX
416-pin plastic PBGA
(BGA-416P-M05)
(BGA-416P-M05)
2006-2010 FUJITSU SEMICONDUCTOR LIMITED BGA416005Sc-2-4
24.00±0.10(.945±.004)
27.00(1.063)
27.00
24.00±0.10
(1.063)
(.945±.004)
0.20(.008) (4X)
25.00(.984)
1.00(.039)
1.00(.039)
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
1.00(.039)
1.00(.039)
REF
25.00
(.984)
ø0.60±0.10(.024±.004)
A
C
C
M
0.10(.004)
0.25(.010) M
B
B
A
B
AC
AB
AA
A
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AD
AE
AF
0.50±0.10
(.020±.004)
2.37(.093)
Max.
C
0.15(.006)
C
INDEX
C
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/package/en-search/
236
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com