Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 34Page - Analog Devices ADAV4601BSTZ Datasheet HTML 35Page - Analog Devices ADAV4601BSTZ Datasheet HTML 36Page - Analog Devices ADAV4601BSTZ Datasheet HTML 37Page - Analog Devices ADAV4601BSTZ Datasheet HTML 38Page - Analog Devices ADAV4601BSTZ Datasheet HTML 39Page - Analog Devices ADAV4601BSTZ Datasheet HTML 40Page - Analog Devices ADAV4601BSTZ Datasheet HTML 41Page - Analog Devices ADAV4601BSTZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
ADAV4601
Rev. B | Page 38 of 60
Bit No.
Bit Name
Description
Default
Bits[5:0]
Woofer trim
These register bits are used to gain or attenuate the input to the woofer outputs from
−14 dB to +14 dB in +1 dB steps.
001110
0x00 = +14 dB
0x01 = +13 dB
…
0x07 = +7 dB
…
0x0E = 0 dB
…
0x15 = −7 dB
…
0x1B = −13 dB
0x1C = −14 dB
Address 0x010B ADI Bass Control Register (Default: 0x0062)
Table 26.
Bit No.
Bit Name
Description
Default
Bits[15:9]
Reserved
Always write as 0 if writing to this register.
0000000
Bits[8:4]
Boost value
The boost ranges from 0 dB to 31 dB, and it controls the maximum dynamic gain applied to
the algorithm.
00110
0x00 = 0 dB
0x01 = 1 dB
0x02 = 2 dB
0x03 = 3 dB
0x04 = 4 dB
0x05 = 5 dB
0x06 = 6 dB
0x07 = 7 dB
…
0x1E = 30 dB
0x1F = 31 dB
Bits[3:0]
Boost frequency
The boost frequency ranges from 20 Hz to 320 Hz, and it designates the center frequency
for the boosting filter. The frequency is increased in 20 Hz steps.
0010
0x0 = 20 Hz
0x1 = 40 Hz
0x2 = 60 Hz
0x3 = 80 Hz
…
0xE = 300 Hz
0xF = 320 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com