Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 15Page - Analog Devices ADAV4601BSTZ Datasheet HTML 16Page - Analog Devices ADAV4601BSTZ Datasheet HTML 17Page - Analog Devices ADAV4601BSTZ Datasheet HTML 18Page - Analog Devices ADAV4601BSTZ Datasheet HTML 19Page - Analog Devices ADAV4601BSTZ Datasheet HTML 20Page - Analog Devices ADAV4601BSTZ Datasheet HTML 21Page - Analog Devices ADAV4601BSTZ Datasheet HTML 22Page - Analog Devices ADAV4601BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
ADAV4601
Rev. B | Page 19 of 60
R/W
R/W
00
1
0
1
0
00
1
0
1
0
ADR
SEL
ADR
SEL
SCL
SCL
(CONTINUED)
SDA
(CONTINUED)
SCL
(CONTINUED)
SDA
(CONTINUED)
SDA
FRAME 1
CHIP ADDRESS BYTE
START BY
MASTER
ACK BY
ADAV4601
ACK BY
ADAV4601
FRAME 2
SUBADDRESS BYTE 1
FRAME 3
SUBADDRESS BYTE 2
ACK BY
ADAV4601
REPEATED
START BY
MASTER
ACK BY
ADAV4601
FRAME 4
CHIP ADDRESS BYTE
FRAME 5
READ DATA BYTE 1
ACK BY
MASTER
ACK BY
MASTER
FRAME 6
READ DATA BYTE 1
STOP BY
MASTER
Figure 24. I2C Read Format
I2C READ AND WRITE OPERATIONS
ADC INPUTS
Table 6 shows the timing of a single word write operation.
Every ninth clock, the ADAV4601 issues an acknowledge by
pulling SDA low.
The ADAV4601 has two ADC inputs. By default, this is configured
as a single stereo input; however, because the audio processor is
programmable, these inputs can be reconfigured.
Table 7 shows the timing of the burst mode write sequence.
Table 7 shows an example where the target destination registers
are two bytes. The ADAV4601 auto-increments its subaddress
register counter every two bytes until a stop condition occurs.
The ADC inputs are shown in Figure 25. The analog inputs are
current inputs (100 μA rms FS) with a 1.5 V dc bias voltage. Any
input voltage can be accommodated by choosing a suitable
combination of input resistor (RIN) and ISET resistor (RISET)
using the formulas
The timing of a single word read operation is shown in Table 8.
Note that the first R/W bit is still 0, indicating a write operation.
This is because the subaddress must be written to set up the
internal address. After the ADAV4601 acknowledges the receipt
of the subaddress, the master must issue a repeated start command
followed by the chip address byte with the R/W set to 1 (read).
The ADAV4601 responds with the read result on SDA. The
master then responds every ninth clock with an acknowledge
pulse to the ADAV4601.
RIN
= VFS rms/100 μA rms
RISET = 2RIN
/VIN
Resistor matching (typically 1%) between RIN and RISET is
important to ensure a full-scale signal on the ADC without
clipping. A 10 μF dc blocking capacitor is also required at the input.
After reset, the ADCs are in a power-down state. The ADCs can
be powered up using the global power-up in the initialization
control register (0x0000). In power critical applications, it is
possible to use the analog power management register (0x0005)
to power-up or power-down individual ADCs.
Table 9 shows the timing of the burst mode read sequence.
Table 9 shows an example where the target read registers are two
bytes. The ADAV4601 increments its subaddress register every two
bytes because the requested subaddress corresponds to a register or
memory area with word lengths of two bytes. Other address
ranges may have a variety of word lengths ranging from one to six
bytes; the ADAV4601 always decodes the subaddress and sets
the auto-increment circuit so that the address increments after the
appropriate number of bytes.
DC BIAS
1.5V
24-BIT
ADC
20kΩ
ANALOG INPUT
100µA rms
FULL SCALE
DC BIAS
1.5V
24-BIT
ADC
20kΩ
ANALOG INPUT
100µA rms
FULL SCALE
AUXIN1L
AUXIN1R
RISET
20kΩ
10µF
10µF
Figure 25. Analog Input Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com