Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 16Page - Analog Devices ADAV4601BSTZ Datasheet HTML 17Page - Analog Devices ADAV4601BSTZ Datasheet HTML 18Page - Analog Devices ADAV4601BSTZ Datasheet HTML 19Page - Analog Devices ADAV4601BSTZ Datasheet HTML 20Page - Analog Devices ADAV4601BSTZ Datasheet HTML 21Page - Analog Devices ADAV4601BSTZ Datasheet HTML 22Page - Analog Devices ADAV4601BSTZ Datasheet HTML 23Page - Analog Devices ADAV4601BSTZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
ADAV4601
Rev. B | Page 20 of 60
I2S DIGITAL AUDIO INPUTS
The ADAV4601 has four I2S digital audio inputs that are, by
default, synchronous to the master clock. Also available are two
SRCs capable of supporting any nonsynchronous input with a
sample rate between 5 kHz and 50 kHz. Any of the serial digital
inputs can be redirected through the SRC. Figure 26 shows a
block diagram of the input serial port.
SRC2B
SRC2C
LRCLK0
BCLK0
LRCLK1
BCLK1
LRCLK2
BCLK2
SDIN0
SDIN1
SDIN2
SDIN3
LRCLK0
BCLK0
SDIN0
SDIN1
SDIN2
SDIN3
LRCLK1
BCLK1
LRCLK2
BCLK2
SRC1
LRCLK0
BCLK0
SDIN0
SDIN1
SDIN2
SDIN3
LRCLK1
BCLK1
LRCLK2
BCLK2
SRC2
SRC2A
SRC2B
SRC2C
AUDIO
PROCESSOR
Figure 26. Digital Input Section
Synchronous Inputs and Outputs
The synchronous digital inputs and outputs can use any of the
BCLK or LRCLK inputs as a clock and framing signal. By default,
BCLK1 and LRCLK1 are the serial clocks used for the synchronous
inputs. The synchronous port for the ADAV4601 is in slave mode
by default, which means the user must supply the appropriate
serial clocks, BCLK and LRCLK. The synchronous port can also
be set to master mode, which means that the appropriate serial
clocks, BCLK and LRCLK, can be generated internally from the
MCLK; therefore, the user does not need to provide them. The
serial data inputs are capable of accepting all of the popular
audio transmission standards (see the Serial Data Interface
section for more details).
Asynchronous Inputs
The ADAV4601 has two SRCs, SRC1 and SRC2, that can be
used for converting digital data, which is not synchronous to
the master clock. Each SRC can accept input sample rates in the
range of 5 kHz to 50 kHz. Data that has been converted by the
SRC is input to the part and is then synchronous to the internal
audio processor.
The SRC1 is a 2-channel (single-stereo) sample rate converter
that is capable of using any of the three serial clocks available.
The SRC1 can accept data from any of the serial data inputs
(SDIN0, SDIN1, SDIN2, and SDIN3). When selected as an input
to the SRC, this SDIN line is assumed to contain asynchronous
data and is then masked as an input to the audio processor to
ensure that asynchronous data is not processed as synchronous
data. By default, SRC1 uses the LRCLK0 and BCLK0 as the
clock and framing signals.
The SRC2 is a 6-channel (3-stereo) sample rate converter that is
capable of using any of the three serial clocks available. The SRC2
can accept data from any of the serial data inputs (SDIN0, SDIN1,
SDIN2, and SDIN3). When selected as an input to the SRC, this
SDIN line is assumed to contain asynchronous data and is then
masked internally as an input to the audio processor to ensure
that asynchronous data is not processed as synchronous data. By
default, SRC2 uses the LRCLK2 and BCLK2 as the clock and
framing signals.
The first output (SRC2A) from SRC2 is always available to the
audio processor. The other two outputs are muxed with two of
the serial inputs before being available to the audio processor.
SRC2B is muxed with SDIN2, and SRC2C is muxed with SDIN3.
By default, these muxes are configured so that the synchronous
inputs are available to the audio processor. The SRC2B and
SRC2C channels can be made available to the audio processor
simply by enabling them by register write.
When using the ADAV4601 in an asynchronous digital-in-to-
digital-out configuration, the input digital data is input to the
audio processor core from one of the SRCs, using the assigned
BCLK/LRCLK as a framing signal. The digital output is synchronous
to the BCLK/LRCLK, which is assigned to the synchronous port;
the default clock in this case is BCLK1 and LRCLK1.
Serial Data Interface
LRCLK is the framing signal for the left- and right-channel
inputs, with a frequency equal to the sampling frequency (fS).
BCLK is the bit clock for the digital interface, with a frequency
of 64 × fS (32 BCLK periods for each of the left and right channels).
The serial data interface supports all the popular audio interface
standards, such as I2S, left-justified (LJ), and right-justified (RJ).
The interface mode is software selectable, and its default is I2S.
The data sample width is also software selectable from 16 bits,
20 bits, or 24 bits. The default is 24 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com