Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 50 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 50 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 46Page - Analog Devices ADAV4601BSTZ Datasheet HTML 47Page - Analog Devices ADAV4601BSTZ Datasheet HTML 48Page - Analog Devices ADAV4601BSTZ Datasheet HTML 49Page - Analog Devices ADAV4601BSTZ Datasheet HTML 50Page - Analog Devices ADAV4601BSTZ Datasheet HTML 51Page - Analog Devices ADAV4601BSTZ Datasheet HTML 52Page - Analog Devices ADAV4601BSTZ Datasheet HTML 53Page - Analog Devices ADAV4601BSTZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
ADAV4601
Rev. B | Page 50 of 60
Bit No.
Bit Name
Description
Default
Bit[10]
ADC1 right
Powers on the ADC1 right channel.
0
1b = block powered up
0b = block powered down
Bit[9]
ADC1 left
Powers on the ADC1 left channel.
0
1b = block powered up
0b = block powered down
Bit[8:7]
Reserved
Always write as 0 if writing to this register.
00
Bit[6]
AUXDAC3 right
Powers on the AUXDAC3 right channel.
0
1b = block powered up
0b = block powered down
Bit[5]
AUXDAC3 left
Powers on the AUXDAC3 left channel.
0
1b = block powered up
0b = block powered down
Bit[4]
Reserved
Always write as 0 if writing to this register.
0
Bit[3]
Reserved
Always write as 0 if writing to this register.
0
Bit[2]
Reserved
Always write as 0 if writing to this register.
0
Bit[1]
AUXDAC1 right
Powers on the AUXDAC1 right channel.
0
1b = block powered up
0b = block powered down
Bit[0]
AUXDAC1 left
Powers on the AUXDAC1 left channel.
0
1b = block powered up
0b = block powered down
Address 0x0006 Analog Power Management 2 Register (Default: 0x0000)
Table 48.
Bit No.
Bit Name
Description
Default
Bits[15:10]
Reserved
Always write as 0 if writing to this register.
000000
Bit[9]
PLL
Powers on the PLL.
0
1b = block powered up
0b = block powered down
Bits[8:6]
Reserved
Always write as 0 if writing to this register.
000
Bit[5]
Reserved
Always write as 0 if writing to this register.
0
Bit[4]
Reserved
Always write as 0 if writing to this register.
0
Bit[3]
HP1 DAC right
Powers on the HP1 DAC right channel.
0
1b = block powered up
0b = block powered down
Bit[2]
HP1 DAC left
Powers on the HP1 DAC left channel.
0
1b = block powered up
0b = block powered down
Bit[1]
HP1 AMP right
Powers on the HP1 AMP right channel.
0
1b = block powered up
0b = block powered down
Bit[0]
HP1 AMP left
Powers on the HP1 AMP left channel.
0
1b = block powered up
0b = block powered down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com