Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 54 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 50Page - Analog Devices ADAV4601BSTZ Datasheet HTML 51Page - Analog Devices ADAV4601BSTZ Datasheet HTML 52Page - Analog Devices ADAV4601BSTZ Datasheet HTML 53Page - Analog Devices ADAV4601BSTZ Datasheet HTML 54Page - Analog Devices ADAV4601BSTZ Datasheet HTML 55Page - Analog Devices ADAV4601BSTZ Datasheet HTML 56Page - Analog Devices ADAV4601BSTZ Datasheet HTML 57Page - Analog Devices ADAV4601BSTZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
ADAV4601
Rev. B | Page 54 of 60
Bit No.
Bit Name
Description
Default
Bit[10]
Digout Enable 1
Used to change the function of the PWM1A and PWM1B pins to additional serial
digital outputs, SDO2 and SDO3.
0
0b = PWM1A and PWM1B in normal operation
1b = PWM1A and PWM1B used as SDO2 and SDO3
Bit[9]
Digout Enable 2
Used to change the function of SPDIF output to serial digital output SDO1.
0
0b = SPDIF output normal operation
1b = SPDIF output used as SDO1
Bits[8:7]
BCLK frequency (master)
Used to set the BCLK frequency when the synchronous serial port is in master mode.
00
00b = 64 × frequency sample, FS (3.072 MHz)
01b = 128 × FS (6.144 MHz)
10b = 256 × FS (12.288 MHz)
11b = reserved
Bits[6:5]
Reserved
Always write as 0 if writing to this register.
00
Bit[4]
Dither enable
When set to 1, it performs dithering on the digital output when the word width
is set to 20 bits or 16 bits. This reduces the effect of truncation noise.
0
0b = disabled
1b = enabled
Bits[3:2]
Synchronous port clock select
Used to select the serial clocks used for the synchronous digital inputs.
0
00b = uses LRCLK0 and BCLK0
01b = uses LRCLK1 and BCLK1
10b = uses LRCLK2 and BCLK2
11b = reserved
Bit[1]
8-channel time division
multiplexing enable
When set to 1, time division multiplexing mode is enabled.
0
0b = disabled
1b = enabled
Bit[0]
Reserved
Always write as 0 if writing to this register.
0
Address 0x0018 Audio Mute Control 1 Register (Default: 0x7F00)
Table 54.
Bit No.
Bit Name
Description
Default
Bits[15:8]
PWM output latency
Set the delay from the 50/50 duty-cycle square wave to zero on GND when the output
is muted and Bit[5] is set to 1.
01011111
0x00 = 1.066 ms
0x01 = 2.133 ms
…
0x5F = 101.33 ms
…
0xFE = 270.93 ms
0xFF = 272 ms
Bits[7:6]
Reserved
Always write as 0 if writing to this register.
00
Bit[5]
PWM zero enable
Used to specify the final condition of the PWM channels after a mute.
0
0b = PWM not zeroed after audio mute
1b = PWM zeroed after audio mute
Bit[4]
Mute clear select
Mute clear select bit. When the mute pin is used to mute the device, the part can be
unmuted in two ways, depending on the condition of this bit.
0
0b = mute pin rising edge clears mute bit
1b = mute clear gated by clear mute bit
Bit[3]
Audio mute
Used to control the software mute.
0
0b = unmute
1b = mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com