Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 41Page - Analog Devices ADAV4601BSTZ Datasheet HTML 42Page - Analog Devices ADAV4601BSTZ Datasheet HTML 43Page - Analog Devices ADAV4601BSTZ Datasheet HTML 44Page - Analog Devices ADAV4601BSTZ Datasheet HTML 45Page - Analog Devices ADAV4601BSTZ Datasheet HTML 46Page - Analog Devices ADAV4601BSTZ Datasheet HTML 47Page - Analog Devices ADAV4601BSTZ Datasheet HTML 48Page - Analog Devices ADAV4601BSTZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
ADAV4601
Rev. B | Page 45 of 60
Bit No.
Bit Name
Description
Default
Bit[1]
Mute AUXOUT1 output
Mutes the AUXOUT1 output.
0
0b = mutes
1b = unmutes
Bit[0]
Reserved
Always write as 0 if writing to this register.
0
Address 0x0122 Audio Flow Control Register (Default: 0x8001)
Table 40.
Bit No.
Bit Name
Description
Default
Bit[15]
Reserved
Always write a 1 if writing to this register.
1
Bit[14]
Enable AVC
When set to 1, it enables the AVC function.
0
0b = disabled
1b = enabled
Bit[13]
Enable main delay
When set to 1, it enables the lip synchronization delay.
0
0b = disabled
1b = enabled
Bit[12]
Enable main EQ
When set to 1, it enables the seven band equalizer.
0
0b = disabled
1b = enabled
Bit[11]
Enable ADI bass
When set to 1, it enables the ADI bass.
0
0b = disabled
1b = enabled
Bit[10]
Enable main loudness
When set to 1, it enables the loudness.
0
0b = disabled
1b = enabled
Bit[9]
Enable main beeper
When set to 1, it leaves only the beeper on the main channel. By default, this register bit
is set to 0, which means the main channel input is added to the beeper.
0
0b = beeper and channel
1b = beeper only
Bit[8]
Enable main limiter
When set to 1, it enables the tweeter and woofer peak limiters.
0
0b = disabled
1b = enabled
Bit[7]
Enable speaker EQ
When set to 1, it enables the eight band speaker equalizer for the tweeter output.
0
0b = disabled
1b = enabled
Bit[6]
Enable crossover bypass
When set to 1, it enables the crossover low-pass and high-pass filters for the main channel.
0
0b = disabled
1b = enabled
Bit[5]
Tweeter output control
When set to 1, the tweeter and woofer outputs are added together and output on
the tweeter output.
0
0b = tweeter only
1b = tweeter and woofer
Bit[4]
Enable subchannel LPF
Used to control the LPF on the subchannel.
0
0b = enabled
1b = disabled
Bit[3]
Enable HP1 EQ
When set to 1, it enables the seven band equalizer for the Headphone 1 channel.
0
0b = disabled
1b = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com