Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 38Page - Analog Devices ADAV4601BSTZ Datasheet HTML 39Page - Analog Devices ADAV4601BSTZ Datasheet HTML 40Page - Analog Devices ADAV4601BSTZ Datasheet HTML 41Page - Analog Devices ADAV4601BSTZ Datasheet HTML 42Page - Analog Devices ADAV4601BSTZ Datasheet HTML 43Page - Analog Devices ADAV4601BSTZ Datasheet HTML 44Page - Analog Devices ADAV4601BSTZ Datasheet HTML 45Page - Analog Devices ADAV4601BSTZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
ADAV4601
Rev. B | Page 42 of 60
Bit No.
Bit Name
Description
Default
Bits[7:5]
Hold time
These register bits control the hold time for the limiter, which is the time in ms that the limiter
holds the attenuated level after the current input to the limiter function falls below the limiter
threshold.
000
0x0 = 0 ms
0x1 = 10 ms
0x2 = 20 ms
0x3 = 30 ms
0x4 = 40 ms
0x5 = 50 ms
0x6 = 60 ms
0x7 = 70 ms
Bits[4:0]
Decay time
These register bits control the decay time for the limiter in the range of 10 dB/s to 320 dB/s in
10 dB/s steps.
0000
0x00 = 10 dB/s (~870 ms)
0x01 = 20 dB/s (~435 ms)
0x02 = 30 dB/s (~289 ms)
0x03 = 40 dB/s (~217 ms)
0x04 = 50 dB/s (~173 ms)
0x05 = 60 dB/s (~144 ms)
0x06 = 70 dB/s (~124 ms)
0x07 = 80 dB/s (~108 ms)
0x08 = 90 dB/s (~96 ms)
0x09 = 100 dB/s (~86 ms)
0x0A = 110 dB/s (~78 ms)
0x0B = 120 dB/s (~72 ms)
0x0C = 130 dB/s (~66 ms)
0x0D = 140 dB/s (~62 ms)
0x0E = 150 dB/s (~57 ms)
0x0F = 160 dB/s (~54 ms)
0x10 = 170 dB/s (~51 ms)
0x11 = 180 dB/s (~48 ms)
0x12 = 190 dB/s (~45 ms)
0x13 = 200 dB/s (~43 ms)
0x14 = 210 dB/s (~41 ms)
0x15 = 220 dB/s (~39 ms)
0x16 = 230 dB/s (~37 ms)
0x17 = 240 dB/s (~36 ms)
0x18 = 250 dB/s (~34 ms)
0x19 = 260 dB/s (~33 ms)
0x1A = 270 dB/s (~32 ms)
0x1B = 280 dB/s (~31 ms)
0x1C = 290 dB/s (~29 ms)
0x1D = 300 dB/s (~28 ms)
0x1E = 310 dB/s (~28 ms)
0x1F = 320 dB/s (~27 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com