Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 52Page - Analog Devices ADAV4601BSTZ Datasheet HTML 53Page - Analog Devices ADAV4601BSTZ Datasheet HTML 54Page - Analog Devices ADAV4601BSTZ Datasheet HTML 55Page - Analog Devices ADAV4601BSTZ Datasheet HTML 56Page - Analog Devices ADAV4601BSTZ Datasheet HTML 57Page - Analog Devices ADAV4601BSTZ Datasheet HTML 58Page - Analog Devices ADAV4601BSTZ Datasheet HTML 59Page - Analog Devices ADAV4601BSTZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
ADAV4601
Rev. B | Page 56 of 60
Address 0x008A SRC Configuration 3 Register (Default: 0x0032)
Table 57.
Bit No.
Bit Name
Description
Default
Bits[15:7]
Reserved
Always write as 0 if writing to this register.
000000000
Bit[6]
SRC2 Channel C enable
Used to enable Channel C of SRC2.
0
0b = disabled
1b = enabled
Bits[5:4]
SRC2 Channel C input select
Used to select the serial data input for SRC2 Channel C.
11
00b = SDIN0
01b = SDIN1
10b = SDIN2
11b = SDIN3
Bit[3]
Reserved
Always write as 0 if writing to this register.
0
Bit[2]
SRC2C Channel B enable
Used to enable Channel B of SRC2.
0
0b = disabled
1b = enabled
Bits[1:0]
SRC2C Channel B input select
Used to select the serial data input for SRC2 Channel B.
10
00b = SDIN0
01b = SDIN1
10b = SDIN2
11b = SDIN3
Address 0x008E SPDIF Transmitter Control 2 Register (Default: 0x002D)
Table 58.
Bit No.
Bit Name
Description
Default
Bits[15:8]
Reserved
Always write as 0 if writing to this register.
00000000
Bits[7:4]
Channel status sampling frequency
Used to set the channel status sampling rate in the SPDIF transmitted
stream; should not change the sample rate but only the status bits.
0010
0x0 = 44.1 kHz
0x2 = 48 kHz
0x3 = 32 kHz
Bit[3]
SPDIF TX word length field size
Selects the maximum SPDIF transmitter word length.
1
0b = 20 bits maximum
1b = 24 bits maximum
Bits[2:0]
Transmitter word length
Used to select how many of the bits set by Bit[3] carry valid data.
If 24-bit maximum
101
0x5 = 24 bits
0x4 = 23 bits
0x2 = 22 bits
0x6 = 21 bits
0x1 = 20 bits
If 20-bit maximum
0x5 = 20 bits
0x4 = 19 bits
0x2 = 18 bits
0x6 = 17 bits
0x1 = 16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com