Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 43Page - Analog Devices ADAV4601BSTZ Datasheet HTML 44Page - Analog Devices ADAV4601BSTZ Datasheet HTML 45Page - Analog Devices ADAV4601BSTZ Datasheet HTML 46Page - Analog Devices ADAV4601BSTZ Datasheet HTML 47Page - Analog Devices ADAV4601BSTZ Datasheet HTML 48Page - Analog Devices ADAV4601BSTZ Datasheet HTML 49Page - Analog Devices ADAV4601BSTZ Datasheet HTML 50Page - Analog Devices ADAV4601BSTZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
ADAV4601
Rev. B | Page 47 of 60
Address 0x0126 SRC Delay Register (Default: 0x0000)
This register is used to set the delay for the SRC channel.
Table 43.
Bit No.
Bit Name
Description
Default
Bits[15:12]
Reserved
Always write as 0 if writing to this register.
0000
Bits[11:0]
SRC delay
The range of values is 20.83 μs to 42 ms in 20.83 μs (1 sample delay) steps.
000000000000
0x000 = 20.83 μs (1 sample delay)
0x001 = 41.66 μs (2 sample delay)
...
0x7E1 = 42 ms (2017 sample delay)
Address 0x0127 SRC Control Register (Default: 0x0030)
This register is used to enable the DSP mute circuit for SRC1 and SRC2. If SRC is enabled and detects an error, it will mute the output of
the SRC. It also bypasses the de-emphasis filters of the SRC.
Table 44.
Bit No.
Bit Name
Description
Default
Bits[15:6]
Reserved
Always write as 0 if writing to this register.
0000000000
Bit[5]
SRC1 de-emphasis filter bypass
This bypasses the SRC1 de-emphasis filter.
0
0b = bypass
1b = enabled
Bit[4]
SRC2 de-emphasis filter bypass
This bypasses the SRC2 de-emphasis filter.
0
0b = bypass
1b = enabled
Bit[3]
SRC1 DSP mute circuit bypass
If an error is detected, it mutes the output of SRC1.
0
0b = enabled
1b = disabled
Bit[2]
SRC2 Channel A DSP mute circuit bypass
If an error is detected, it mutes the output of SRC2.
0
0b = enabled
1b = disabled
Bit[1]
SRC2 Channel B DSP mute circuit bypass
If an error is detected, it mutes the output of SRC2.
0
0b = enabled
1b = disabled
Bit[0]
SRC2 Channel C DSP mute circuit bypass
If an error is detected, it mutes the output of SRC2.
0
0b = enabled
1b = disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com