Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 2Page - Analog Devices ADAV4601BSTZ Datasheet HTML 3Page - Analog Devices ADAV4601BSTZ Datasheet HTML 4Page - Analog Devices ADAV4601BSTZ Datasheet HTML 5Page - Analog Devices ADAV4601BSTZ Datasheet HTML 6Page - Analog Devices ADAV4601BSTZ Datasheet HTML 7Page - Analog Devices ADAV4601BSTZ Datasheet HTML 8Page - Analog Devices ADAV4601BSTZ Datasheet HTML 9Page - Analog Devices ADAV4601BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
ADAV4601
Rev. B | Page 6 of 60
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DAC DIGITAL INTERPOLATION FILTER
CHARACTERISTICS
At 48 kHz, guaranteed by design
Pass Band
21.769
kHz
Pass-Band Ripple
±0.01
dB
Transition Band
23.95
kHz
Stop Band
26.122
kHz
Stop-Band Attenuation
75
dB
Group Delay
580
μs
HEADPHONE AMPLIFIER
Measured at headphone output with 32 Ω load
Number of Channels
2
One stereo channel
Full-Scale Output Power
31
mW rms
1 V rms output
Dynamic Range
A-Weighted
93
dB
−60 dBFS with respect to full-scale code input
Total Harmonic Distortion + Noise
−83
dB
−3 dBFS with respect to full-scale code input
Interchannel Gain Mismatch
0.1
dB
DC Bias
1.53
V
Power Supply Rejection
−85
dB
1 kHz, 300 mV p-p signal at AVDD
SRC
Number of Channels
8
Two channels (SRC1), six channels (SRC2)
Dynamic Range
A-Weighted
115
dB
−60 dBFS input (worst-case input fS = 50 kHz)
Total Harmonic Distortion + Noise
−113
dB
−3 dBFS input (worst-case input fS = 50 kHz)
Sample Rate
5
50
kHz
SRC DIGITAL INTERPOLATION FILTER
CHARACTERISTICS
At 48 kHz, guaranteed by design
Pass Band
21.678
kHz
Pass-Band Ripple
0.005
dB
Stop Band
26.232
kHz
Stop-Band Attenuation
110
dB
Group Delay
876
μs
DIGITAL INPUT/OUTPUT
Input Voltage High (VIH)
2.0
ODVDD
V
Input Voltage Low (VIL)
0.8
V
Input Leakage
IIH (SDIN0, SDIN1, SDIN2, SDIN3,
LRCLK0, LRCLK1, LRCLK2, BCLK0,
BCLK1, BCLK2, SPDIF_OUT, SPDIF_IN)
40
μA
VIH = ODVDD, equivalent to a 90 kΩ pull-up resistor
IIH (RESET)
13.5
μA
VIH = ODVDD, equivalent to a 266 kΩ pull-up resistor
IIL (SDO0, SCL, SDA)
−40
μA
VIL = 0 V, equivalent to a 90 kΩ pull-down resistor
Output Voltage High (VOH)
2.4
V
IOH = 0.4 mA
Output Voltage Low (VOL)
0.4
V
IOL = −2 mA
Output Voltage High (VOH) (MCLK_OUT)
1.4
V
IOH = 0.4 mA
Output Voltage Low (VOL) (MCLK_OUT)
0.4
V
IOL = −3.2 mA
Input Capacitance
10
pF
SUPPLIES
Analog Supplies (AVDD)
3.0
3.3
3.6
V
Digital Supplies (DVDD)
1.65
1.8
2.0
V
Interface Supply (ODVDD)
3.0
3.3
3.6
V
Supply Currents
MCLK = 24 MHz, ADCs and DACs active, headphone
outputs active and driving a 16 Ω load
Analog Current
115
mA
Digital Current
160
mA
Interface Current
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com