Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 40Page - Analog Devices ADAV4601BSTZ Datasheet HTML 41Page - Analog Devices ADAV4601BSTZ Datasheet HTML 42Page - Analog Devices ADAV4601BSTZ Datasheet HTML 43Page - Analog Devices ADAV4601BSTZ Datasheet HTML 44Page - Analog Devices ADAV4601BSTZ Datasheet HTML 45Page - Analog Devices ADAV4601BSTZ Datasheet HTML 46Page - Analog Devices ADAV4601BSTZ Datasheet HTML 47Page - Analog Devices ADAV4601BSTZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
ADAV4601
Rev. B | Page 44 of 60
Address 0x011E and Address 0x011F Headphone 1/AUXOUT4 Volume Control Registers (Default: 0x0080, 0x0000)
These two registers control the volume for the headphone and AUXOUT4 outputs.
The volume control words are 28-bit words in twos complement and a 5.23 format. This means there are five bits to the left of the decimal
point of which the most significant bit is the sign bit.
Table 37.
Bit No.
Bit Name
Description
Default
Bits[15:12]
Reserved
Always write as 0 if writing to this register.
0000
Bits[11:0]
Headphone 1 volume control[27:0]
0x011E Bits[11:0] = Headphone 1/AUXOUT 4 volume
Bits[27:16]
000010000000
Bits[15:0]
Headphone 1 volume control[27:0]
0x011F Bits[15:0] = Headphone 1/AUXOUT 4 volume
Bits[15:0]
0000000000000000
Address 0x0120 Headphone 1/AUXOUT4 Channel Loudness Register (Default: 0x0000)
Table 38.
Bit No.
Bit Name
Description
Default
Bits[15:7]
Reserved
Always write as 0 if writing to this register.
000000000
Bits[6:5]
Cutoff frequency
These register bits are used to control the cutoff frequency of the loudness.
00
00b = 10 Hz
01b = 30 Hz
10b = 50 Hz
11b = 70 Hz
Bits[4:0]
Loudness level
These register bits are used to control the required level of loudness. It can be
changed in 1 dB steps.
00000
0x00 = 0 dB
0x01 = 1 dB
…
0x0E = 14 dB
0x0F = 15 dB
Address 0x0121 Mute Control Register (Default: 0x0000)
Table 39.
Bit No.
Bit Name
Description
Default
Bits[15:8]
Reserved
Always write as 0 if writing to this register.
00000000
Bit[7]
Mute tweeter output
Mutes the tweeter output.
0
0b = mutes
1b = unmutes
Bit[6]
Mute woofer output
Mutes the woofer output.
0
0b = mutes
1b = unmutes
Bit[5]
Mute AUXOUT3 output
Mutes the AUXOUT3 output.
0
0b = mutes
1b = unmutes
Bit[4]
Mute HP1/AUXOUT4 output
Mutes the Headphone 1 and AUXOUT4 output.
0
0b = mutes
1b = unmutes
Bit[3]
Mute SDO0 output
Mutes the SDO0 output.
0
0b = mutes
1b = unmutes
Bit[2]
Mute SPDIF output
Mutes the SPDIF output.
0
0b = mutes
1b = unmutes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com