Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 5 Page - Analog Devices

  ADAV4601BSTZ Datasheet HTML 1Page - Analog Devices ADAV4601BSTZ Datasheet HTML 2Page - Analog Devices ADAV4601BSTZ Datasheet HTML 3Page - Analog Devices ADAV4601BSTZ Datasheet HTML 4Page - Analog Devices ADAV4601BSTZ Datasheet HTML 5Page - Analog Devices ADAV4601BSTZ Datasheet HTML 6Page - Analog Devices ADAV4601BSTZ Datasheet HTML 7Page - Analog Devices ADAV4601BSTZ Datasheet HTML 8Page - Analog Devices ADAV4601BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
ADAV4601
Rev. B | Page 5 of 60
SPECIFICATIONS
AVDD = 3.3 V, DVDD = 1.8 V, ODVDD = 3.3 V, operating temperature = −40°C to +85°C, master clock 24.576 MHz, measurement
bandwidth = 20 Hz to 20 kHz, ADC input signal = DAC output signal = 1 kHz, unless otherwise noted.
PERFORMANCE PARAMETERS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE SECTION
Absolute Voltage VREF
1.53
V
VREF Temperature Coefficient
100
ppm/°C
ADC SECTION
Number of Channels
2
One stereo channel
Full-Scale Input Level
100
μA rms
Resolution
24
Bits
Dynamic Range (Stereo Channel)
A-Weighted
95
dB
−60 dBFS with respect to full-scale analog input
Total Harmonic Distortion + Noise
(Stereo Channel)
−90
dB
−3 dBFS with respect to full-scale analog input
Gain Mismatch
0.2
dB
Left- and right-channel gain mismatch
Crosstalk (Left-to-Right, Right-to-Left)
−110
dB
Gain Error
−1
dB
Input signal is 100 μA rms
Current Setting Resistor (RISET)
20
kΩ
External resistor to set current input range of ADC
for nominal 2.0 V rms input signal
Power Supply Rejection
−87
dB
1 kHz, 300 mV p-p signal at AVDD
ADC DIGITAL DECIMATOR FILTER
CHARACTERISTICS
At 48 kHz, guaranteed by design
Pass Band
22.5
kHz
Pass-Band Ripple
±0.0002
dB
Stop Band
26.5
kHz
Stop-Band Attenuation
100
dB
Group Delay
1040
μs
PWM SECTION
Frequency
384
kHz
Guaranteed by design
Modulation Index
0.976
Guaranteed by design
Dynamic Range
A-Weighted
98
dB
−60 dBFS with respect to full-scale code input
Total Harmonic Distortion + Noise
−80
dB
−3 dBFS with respect to full-scale code input
DAC SECTION
Number of Auxiliary Output Channels
6
Three stereo channels
Resolution
24
Bits
Full-Scale Analog Output
1
V rms
Dynamic Range
A-Weighted
94
dB
−60 dBFS with respect to full-scale code input
Total Harmonic Distortion + Noise
−86
dB
−3 dBFS with respect to full-scale code input
Crosstalk (Left-to-Right, Right-to-Left)
−102
dB
Interchannel Gain Mismatch
0.1
dB
Left- and right-channel gain mismatch
Gain Error
0.525
dB
1 V rms output
DC Bias
1.53
V
Power Supply Rejection
−90
dB
1 kHz, 300 mV p-p signal at AVDD
Output Impedance
235
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com