Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 39Page - Analog Devices ADAV4601BSTZ Datasheet HTML 40Page - Analog Devices ADAV4601BSTZ Datasheet HTML 41Page - Analog Devices ADAV4601BSTZ Datasheet HTML 42Page - Analog Devices ADAV4601BSTZ Datasheet HTML 43Page - Analog Devices ADAV4601BSTZ Datasheet HTML 44Page - Analog Devices ADAV4601BSTZ Datasheet HTML 45Page - Analog Devices ADAV4601BSTZ Datasheet HTML 46Page - Analog Devices ADAV4601BSTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
ADAV4601
Rev. B | Page 43 of 60
Address 0x0118 Headphone 1/AUXOUT4 Seven Band EQ Control Register (Default: 0x0018)
Table 34.
Bit No.
Bit Name
Description
Default
Bits[15:11]
Reserved
Always write as 0 if writing to this register.
00000
Bits[10:8]
Headphone 1/
AUXOUT4 EQ band
These register bits control the frequency band of the equalizer.
000
0x0 = 120 Hz
0x1 = 200 Hz
0x2 = 500 Hz
0x3 = 1200 Hz
0x4 = 3000 Hz
0x5 = 7500 Hz
0x6 = 12000 Hz
Bits[7:6]
Reserved
Always write as 0 if writing to this register.
00
Bits[5:0]
Headphone 1/
AUXOUT4 EQ gain
These register bits are used to control the required gain of the equalizer. The gain of the
equalizer is changed in 0.5 dB steps.
001110
0x00 = +12 dB
0x01 = +11.5 dB
…
0x0A = +7 dB
…
0x18 = 0 dB
…
0x26 = −7 dB
…
0x2F = −11.5 dB
0x30 = −12 dB
Address 0x011A and Address 0x011B Headphone 1/AUXOUT4 Left Balance Control Registers (Default: 0x0080, 0x0000)
These two registers control the balance for the Left Headphone 1 and AUXOUT 4 output.
The balance control words are 28-bit words in twos complement and a 5.23 format. This means there are five bits to the left of the decimal
point of which the most significant bit is the sign bit.
Table 35.
Bit No.
Bit Name
Description
Default
Bits[15:12]
Reserved
Always write as 0 if writing to this register.
0000
Bits[11:0]
Woofer left balance
control register[27:0]
0x011A Bits[11:0] = Headphone 1/AUXOUT 4 left balance control register[27:16]
000010000000
Bits[15:0]
Woofer left balance
control register[27:0]
0x011B Bits[15:0] = Headphone 1/AUXOUT 4 left balance control register[15:0]
0000000000000000
Address 0x011C and Address 0x011D Headphone 1/AUXOUT4 Right Balance Control Registers (Default: 0x0080, 0x0000)
These two registers control the balance for the Right Headphone 1 and AUXOUT 4 output.
The balance control words are 28-bit words in twos complement and a 5.23 format. This means there are five bits to the left of the decimal
point of which the most significant bit is the sign bit.
Table 36.
Bit No.
Bit Name
Description
Default
Bits[15:12]
Reserved
Always write as 0 if writing to this register.
0000
Bits[11:0]
Woofer left balance
control register[27:0]
0x011C Bits[11:0] = Headphone 1/AUXOUT 4 right balance
control register[27:16]
000010000000
Bits[15:0]
Woofer left balance
control register[27:0]
0x011D Bits[15:0] = Headphone 1/AUXOUT 4 right balance
control register[15:0]
0000000000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com