Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601BSTZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADAV4601BSTZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601BSTZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADAV4601BSTZ Datasheet HTML 36Page - Analog Devices ADAV4601BSTZ Datasheet HTML 37Page - Analog Devices ADAV4601BSTZ Datasheet HTML 38Page - Analog Devices ADAV4601BSTZ Datasheet HTML 39Page - Analog Devices ADAV4601BSTZ Datasheet HTML 40Page - Analog Devices ADAV4601BSTZ Datasheet HTML 41Page - Analog Devices ADAV4601BSTZ Datasheet HTML 42Page - Analog Devices ADAV4601BSTZ Datasheet HTML 43Page - Analog Devices ADAV4601BSTZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
ADAV4601
Rev. B | Page 40 of 60
Address 0x0112 and Address 0x0113 Woofer Right Balance Control Registers (Default: 0x0080, 0x0000)
These two registers control the balance for the right tweeter output.
The balance control words are 28-bit words in twos complement and a 5.23 format. This means there are five bits to the left of the decimal
point of which the most significant bit is the sign bit.
Table 30.
Bit No.
Bit Name
Description
Default
Bits[15:12]
Reserved
Always write as 0 if writing to this register.
0000
Bits[11:0]
Woofer right balance control register[27:0]
0x0112 Bits[11:0] = woofer right balance control register[27:16]
000010000000
Bits[15:0]
Woofer right balance control register[27:0]
0x0113 Bits[15:0] = woofer right balance control register[15:0]
0000000000000000
Address 0x0114 and Address 0x0115 Main Volume Control Registers (Default: 0x0080, 0x0000)
These two registers control the volume for the main channel output.
The volume control words are 28-bit words in twos complement and a 5.23 format. This means there are five bits to the left of the decimal
point of which the most significant bit is the sign bit.
Table 31.
Bit No.
Bit Name
Description
Default
Bits[15:12]
Reserved
Always write as 0 if writing to this register.
0000
Bits[11:0]
Woofer right balance control register[27:0]
0x0114 Bits[11:0] = main volume Bits[27:16]
000010000000
Bits[15:0]
Woofer right balance control register[27:0]
0x0115 Bits[15:0] = main volume Bits[15:0]
0000000000000000
Address 0x0116 Tweeter Peak Limiter Control Register (Default: 0x0F00)
This register controls the peak limiter for the main output tweeter.
Table 32.
Bit No.
Bit Name
Description
Default
Bits[15:13]
Reserved
Always write as 0 if writing to this register.
000
Bits[12:8]
Post gain
These register bits control the post gain in the range of +15 dB to −15 dB in +1 dB steps.
01111
0x00 = +15 dB
0x01 = +14 dB
…
0x08 = +7 dB
…
0x0F = +0 dB
…
0x16 = −7 dB
…
0x1D = −14 dB
0x1E = −15 dB
Bits[7:5]
Hold time
These register bits control the hold time for the limiter, which is the time in ms that the limiter
holds the attenuated level after the current input to the limiter function falls below the limiter
threshold.
000
0x0 = 0 ms
0x1 = 10 ms
0x2 = 20 ms
0x3 = 30 ms
0x4 = 40 ms
0x5 = 50 ms
0x6 = 60 ms
0x7 = 70 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com