Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
ADAV4601
Rev. B | Page 27 of 60
Target/Slew RAM Initialization
On reset, the target/slew RAM initializes to preset values. The
target RAM initializes to a linear ramp type with a time constant of 5
and the data set to 1.0. The slew RAM initializes to 1.0. These
defaults result in a full-scale (1.0 to 0.0) ramp time of 21.3 ms.
Linear Update
A linear update is the addition or subtraction of a constant value,
referred to as a step. The following equation describes this step
size as
()
20
10
13
5
2
2
−
×
=
CONST
t
Step
The result of the equation is normalized to a 5.23 data format.
This produces a time constant range from 6.75 ms to 213.4 ms
(−60 dB relative to 0 dB full scale). An example of this kind of
update is shown in Figure 39 and Figure 40. All slew RAM figure
examples, except the half-scale constant time ramp plot (Figure 45),
show an increasing or decreasing ramp between −80 dB and 0 dB
(full scale). All figures except the constant time plots (Figure 44,
Figure 45, and Figure 46) use a time constant of 0x7 (0x0 being
the fastest and 0xF being the slowest).
TIME (ms)
1.0
0.4
0.6
0.8
0.2
0
–0.4
–0.2
–1.0
–0.8
–0.6
35
25
15
5
20
10
030
Figure 39. Slew RAM—Linear Update Increasing Ramp
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
35
25
15
5
TIME (ms)
20
10
030
Figure 40. Slew RAM—Linear Update Decreasing Ramp
Constant Decibels and RC Updates (Exponential)
An exponential update is accomplished by shifts and additions
with a range from 6.1 ms to 1.27 sec (−60 dB relative to 0 dB full
scale). When the ramp type is set to 01 (constant decibels), each
step size is set to the current value in the slew data. When the
ramp type bits are set to 10 (RC), the step size is equal to the
difference between the values in the target RAM and the slew
RAM (see Figure 41, Figure 42, and Figure 43).
TIME (ms)
1.0
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1.0
010
520
15
30
25
35
Figure 41. Slew RAM—Constant Decibels Update Increasing Ramp
TIME (ms)
1.0
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1.0
35
25
15
5
20
10
030
Figure 42. Slew RAM—RC Update Increasing Ramp
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
35
25
15
5
20
10
030
Figure 43. Slew RAM—Constant Decibels and RC
Updates Decreasing Ramp, Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com