Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 31 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
ADAV4601
Rev. B | Page 31 of 60
AUDIO FLOW CONTROL REGISTERS
DETAILED REGISTER DESCRIPTIONS
Address 0x0100 Mux Select 1 Register (Default: 0x0000)
Table 15.
Bit No.
Bit Name
Description
Default
Bits[15:12]
Main source mux
Source for main channel.
0000
0x0 = reserved
0x1 = ADC1
0x2 = reserved
0x3 = SDIN0
0x4 = SDIN1
0x5 = SDIN2/SRC2 Channel B
0x6 = SDIN3/SRC2 Channel C
0x7 = SRC1
0x8 = SRC2 Channel A
0x9 = reserved
0xA = reserved
Bits[11:8]
Reserved
Always write as 0 if writing to this register.
0000
Bits[7:4]
Headphone 1/AUXOUT4 output
Source for the Headphone 1/AUXOUT4 output.
0000
0x0 = reserved
0x1 = ADC1
0x2 = reserved
0x3 = SDIN0
0x4 = SDIN1
0x5 = SDIN2/SRC2 Channel B
0x6 = SDIN3/SRC2 Channel C
0x7 = SRC1
0x8 = SRC2 Channel A
0x9 = reserved
0xA = reserved
0xB = reserved
0xC = delayed main input
0xD = main input after loudness
0xE = subchannel
Bits[3:0]
AUXOUT3 output mux
Source for the AUXOUT3 output.
0000
0x0 = reserved
0x1 = ADC1
0x2 = reserved
0x3 = SDIN0
0x4 = SDIN1
0x5 = SDIN2/SRC2 Channel B
0x6 = SDIN3/SRC2 Channel C
0x7 = SRC1
0x8 = SRC2 Channel A
0x9 = reserved
0xA = reserved
0xB = reserved
0xC = delayed main input
0xD = main input after loudness
0xE = subchannel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com