Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
ADAV4601
Rev. B | Page 46 of 60
Bit No.
Bit Name
Description
Default
Bit[2]
Enable HP1 loudness
When set to 1, it enables the loudness for the Headphone 1 channel.
0
0b = disabled
1b = enabled
Bit[1]
Enable HP1 beeper
When set to 1, it leaves only the beeper on the Headphone 1 channel. By default, this bit
is 0, which means the Headphone 1 channel input is added to the beeper.
0
0b = beeper and channel
1b = beeper only
Bit[0]
Enable spatializer
When set to 1, it enables the ADI spatializer.
1
0b = disabled
1b = enabled
Address 0x0123 Main Beeper Control Register (Default: 0x0005)
This register controls the main beeper block.
Table 41.
Bit No.
Bit Name
Description
Default
Bits[15:12]
Reserved
Always write as 0 if writing to this register.
0000
Bits[11:8]
Volume gain
These register bits control the volume of the beeper in the range of −38 dB to −10 dB in +2 dB steps.
0000
0x0 = off
0x1 = −38 dB
0x2 = −36 dB
...
0xE = −12 dB
0xF = −10 dB
Bits[7:6]
Reserved
Always write as 0 if writing to this register.
00
Bits[5:0]
Frequency
These register bits control the frequency of the beeper in the range of 0 Hz (beeper off ) to
11812.5 Hz in 187.5 Hz steps.
000101
0x00 = 0 Hz
0x01 = 187.5 Hz
0x02 = 375 Hz
0x03 = 562.5 Hz
0x04 = 750 Hz
0x05 = 937.5 Hz
0x06 = 1125 Hz
…
0x2E = 8625 Hz
0x2F = 8812.5 Hz
Address 0x0124 Low-Pass Filter (Subchannel) Register (Default: 0x0003)
This register is used to control the low-pass filter cutoff frequency for the subwoofer channel.
Table 42.
Bit No.
Bit Name
Description
Default
Bits[15:4]
Reserved
Always write as 0 if writing to this register.
000000000000
Bits[3:0]
LPF sub cutoff
These register bits control the cutoff frequency of the low-pass filter of the subwoofer
channel. The range of values is 60 Hz to 340 Hz in 20 Hz steps.
0011
0x0 = off
0x1 = 60 Hz
0x2 = 80 Hz
0x3 = 100 Hz
0x4 = 120 Hz
...
0xE = 320 Hz
0xF = 340 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com