Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 36 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
ADAV4601
Rev. B | Page 36 of 60
Address 0x0107 Main Sever Band EQ Control Register (Default: 0x0018)
Table 22.
Bit No.
Bit Name
Description
Default
Bits[15:11]
Reserved
Always write as 0 if writing to this register.
00000
Bits[10:8]
Main EQ band
These register bits control the frequency band of the equalizer.
000
0x0 = 120 Hz
0x1 = 200 Hz
0x2 = 500 Hz
0x3 = 1200 Hz
0x4 = 3000 Hz
0x5 = 7500 Hz
0x6 = 12,000 Hz
Bits[7:6]
Reserved
Always write as 0 if writing to this register.
00
Bits[5:0]
Main EQ gain
These register bits are used to control the required gain of the equalizer. The gain of the equalizer
is changed in 0.5 dB steps.
011000
0x00 = +12 dB
0x01 = +11.5 dB
…
0x0A = +7 dB
…
0x18 = 0 dB
…
0x26 = −7 dB
…
0x2F = −11.5 dB
0x30 = −12 dB
Address 0x0108 Main Channel Loudness Register (Default: 0x0000)
Table 23.
Bit No.
Bit Name
Description
Default
Bits[15:7]
Reserved
Always write as 0 if writing to this register.
000000000
Bits[6:5]
Cutoff frequency
These register bits are used to control the cutoff frequency of the loudness.
00
00b – 10 Hz
01b – 30 Hz
10b – 50 Hz
11b – 70 Hz
Bits[4:0]
Loudness level
These register bits are used to control the required level of loudness.
00000
0x00 = 0 dB
0x01 = +1 dB
…
0x0E = +14 dB
0x0F = +15 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com