Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
ADAV4601
Rev. B | Page 37 of 60
Address 0x0109 Crossover Register (Default: 0x0505)
Table 24.
Bit No.
Bit Name
Description
Default
Bits[15:14]
Reserved
Always write as 0 if writing to this register.
00
Bits[13:8]
Low crossover frequency
The low crossover frequency is the cutoff frequency of the crossover low-pass
filter. This means that only the frequencies under this frequency are sent to the
woofer output. The frequency changes in 10 Hz steps.
000101
0x00 = 50 Hz
0x01 = 60 Hz
0x02 = 70 Hz
0x03 = 80 Hz
0x04 = 90 Hz
0x05 = 100 Hz
0x06 = 110 Hz
…
0x2D = 500 Hz
0x2E = 510 Hz
Bits[7:6]
Reserved
Always write as 0 if writing to this register.
00
Bits[5:0]
High crossover frequency
The high crossover frequency is the cutoff frequency of the crossover high-pass
filter. This means that only the frequencies above this frequency are sent to the
tweeter output.
000101
0x00 = 50 Hz
0x01 = 60 Hz
0x02 = 70 Hz
0x03 = 80 Hz
0x04 = 90 Hz
0x05 = 100 Hz
0x06 = 110 Hz
...
0x3B = 640 Hz
0x3C = 650 Hz
Address 0x010A Crossover Trim Register (Default: 0x0E0E)
Table 25.
Bit No.
Bit Name
Description
Default
Bits[15:14]
Reserved
Always write as 0 if writing to this register.
00
Bits[13:8]
Tweeter trim
These register bits are used to gain or attenuate the input to the tweeter outputs from
−14 dB to +14 dB in +1 dB steps.
001110
0x00 = +14 dB
0x01 = +13 dB
…
0x07 = +7 dB
…
0x0E = 0 dB
…
0x15 = −7 dB
…
0x1B = −13 dB
0x1C = −14 dB
Bits[7:6]
Reserved
Always write as 0 if writing to this register.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com