Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADAV4601EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Audio Processor for Advanced TV
ADAV4601
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Fully programmable 28-bit audio processor for enhanced
ATV sound—default audio processing flow loaded on reset
Implements Analog Devices, Inc. and third-party branded
audio algorithms
Adjustable digital delay line for audio/video
Synchronization for up to 200 ms stereo delay
High performance 24-bit ADC and DAC
94 dB DNR performance on DAC channels
95 dB DNR performance on ADC channels
Headphone output with integrated amplifiers
High performance pulse-width modulation (PWM) digital
outputs
Multichannel digital baseband I/O
4 stereo synchronous digital I2S input channels
One 6-channel sample rate converter (SRC) and one stereo
SRC supporting input sample rates from 5 kHz to 50 kHz
One stereo synchronous digital I2S output
S/PDIF output with S/PDIF input mux capability
Fast I2C control
Operates from 3.3 V (analog), 1.8 V (digital core), and 3.3 V
(digital interface)
Available in 80-lead LQFP
APPLICATIONS
General-purpose consumer audio post processing
Home audio
DVD recorders
Home theater in a box systems and DVD receivers
Audio processing subsystems for DTV-ready TVs
Analog broadcast capability for iDTVs
GENERAL DESCRIPTION
The ADAV4601 is an enhanced audio processor targeting
advanced TV applications with full support for digital and
analog baseband audio.
The audio processor, by default, loads a dedicated TV audio flow
that incorporates full matrix switching (any input to any output),
automatic volume control that compensates for volume changes
during advertisements or when switching channels, dynamic
bass, a multiband equalizer, and up to 200 ms of stereo delay
memory for audio-video synchronization.
Alternatively, Analog Devices offers an award-winning graphical
programming tool (SigmaStudio™) that allows custom flows to be
quickly developed and evaluated. This allows the creation of
customer-specific audio flows, including the use of ADI library of
third-party algorithms.
The analog I/O integrates Analog Devices proprietary continuous-
time, multibit Σ-Δ architecture to bring a higher level of
performance to ATV systems, required by third-party algorithm
providers to meet system branding certification. The analog input
is provided by 95 dB dynamic range (DNR) ADCs, and analog
output is provided by 94 dB DNR DACs.
The main speaker outputs can be supplied as a digitally modulated
PWM stream to support digital amplifiers.
The ADAV4601 includes multichannel digital inputs and outputs.
In addition, digital input channels can be routed through integrated
sample rate converters (SRC), which are capable of supporting any
arbitrary sample rate from 5 kHz to 50 kHz.


Similar Part No. - EVAL-ADAV4601EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADAV801EBZ AD-EVAL-ADAV801EBZ Datasheet
853Kb / 61P
Audio Codec for Recordable DVD
Rev. A
EVAL-ADAV803EBZ AD-EVAL-ADAV803EBZ Datasheet
859Kb / 61P
Audio Codec for Recordable DVD
Rev. A
More results

Similar Description - EVAL-ADAV4601EBZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
Universal HiFi audio processor for TV
June 1994
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
Digital Audio Processor for TV
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
Audio sound processor for TV
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
Audio sound processor for TV
logo
Princeton Technology Co...
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
Stereo Audio Processor for Home TV Audio
logo
Rohm
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
Audio sound processor for TV
logo
Princeton Technology Co...
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
Stereo Audio Processor for Home TV Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com