Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADAV4601
Rev. B | Page 7 of 60
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Power Dissipation
0.674
W
Standby Currents
ADC, DAC, and headphone outputs floating,
RESET low, MCLK = 24 MHz
Analog Current
7
mA
Digital Current
3
mA
Interface Current
1.6
mA
TEMPERATURE RANGE
Operating Temperature
−40
+85
°C
Storage Temperature
−65
+150
°C
TIMING SPECIFICATIONS
Table 2.
Parameter
Description
Min
Max
Unit
Comments
MASTER CLOCK AND RESET
fMCLKI
MCLKI frequency
3.072
24.576
MHz
tMP
MCLKI period
40
325
ns
tMCH
MCLKI high
10
ns
tMCL
MCLKI low
10
ns
t
RESET
RESET low
200
ns
MASTER CLOCK OUTPUT
tCK
MCLK_OUT period
8
162
ns
tJIT
Period jitter
800
ps
tCH
MCLK_OUT high
45
55
%
tCL
MCLK_OUT low
45
55
%
I2C PORT
fSCL
SCL clock frequency
400
kHz
tSCLH
SCL high
600
ns
tSCLL
SCL low
1.3
μs
Start Condition
tSCS
Setup time
600
ns
Relevant for repeated start condition
tSCH
Hold time
600
ns
After this period, the first clock is generated
tDS
Data setup time
100
ns
tSCR
SCL rise time
300
ns
tSCF
SCL fall time
300
ns
tSDR
SDA rise time
300
ns
tSDF
SDA fall time
300
ns
Stop Condition
tSCS
Setup time
0
ns
SERIAL PORTS
Slave Mode
tSBH
BCLK high
40
ns
tSBL
BCLK low
40
ns
fSBF
BCLK frequency
64 × fS
tSLS
LRCLK setup
10
ns
To BCLK rising edge
tSLH
LRCLK hold
10
ns
From BCLK rising edge
tSDS
SDIN setup
10
ns
To BCLK rising edge
tSDH
SDIN hold
10
ns
From BCLK rising edge
tSDD
SDO delay
50
ns
From BCLK falling edge
Master Mode
tMLD
LRCLK delay
25
ns
From BCLK falling edge
tMDD
SDO delay
15
ns
From BCLK falling edge
tMDS
SDIN setup
10
ns
From BCLK rising edge
tMDH
SDIN hold
10
ns
From BCLK rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com