Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
ADAV4601
Rev. B | Page 14 of 60
TERMINOLOGY
Dynamic Range
The ratio of a full-scale input signal to the integrated input noise
in the pass band (20 Hz to 20 kHz), expressed in decibels (dB).
Dynamic range is measured with a −60 dB input signal and is equal
to (S/[THD+N]) + 60 dB. Note that spurious harmonics are below
the noise with a −60 dB input; therefore, the noise level establishes
the dynamic range. The dynamic range is specified with and
without an A-weight filter applied.
Pass Band
The region of the frequency spectrum unaffected by the
attenuation of the filter of the digital decimator.
Pass-Band Ripple
The peak-to-peak variation in amplitude response from equal
amplitude input signal frequencies within the pass band,
expressed in decibels.
Stop Band
The region of the frequency spectrum attenuated by the filter
of the digital decimator to the degree specified by stop-band
attenuation.
Gain Error
With a near full-scale input, the ratio of the actual output to the
expected output, expressed in dB.
Interchannel Gain Mismatch
With identical near full-scale inputs, the ratio of the outputs of
the two stereo channels, expressed in decibels.
Crosstalk
Ratio of response on one channel with a grounded input to a
full-scale 1 kHz sine wave input on the other channel, expressed
in decibels.
Power Supply Rejection
With no analog input, the signal present at the output when a
300 mV p-p signal is applied to power supply pins, expressed in
decibels of full scale.
Group Delay
Intuitively, the time interval required for an input pulse to appear at
the output of the converter, expressed in milliseconds (ms); more
precisely, the derivative of radian phase with respect to radian
frequency at a given frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com