Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
ADAV4601
Rev. B | Page 49 of 60
Address 0x0004 Serial Port Control 1 Register (Default: 0x0000)
Table 46.
Bit No.
Bit Name
Description
Default
Bits[15:13]
Reserved
Always write as 0 if writing to this register.
000
Bits[12:11]
SRC2 serial mode
Used to select the format of the data for SRC2.
00
00b = I2S
01b = left-justified
10b = right-justified
11b = not applicable
Bits[10:9]
SRC2 word width
Used to specify the word width of the data.
00
00b = 24 bits
01b = 20 bits
10b = 16 bits
11b = not applicable
Bits[8:7]
SRC1 serial mode
Used to select the format of the data for SRC1.
00
00b = I2S
01b = left-justified
10b = right-justified
11b = not applicable
Bits[6:5]
SRC1 word width
Used to specify the word width of the data.
00
00b = 24 bits
01b = 20 bits
10b = 16 bits
11b = not applicable
Bit[4]
Sync master slave
Used to set master or slave mode for the synchronous input. In slave mode, LRCLK1 and BCLK1
are provided by another source. In master mode, the ADAV4601 provides LRCLK1 and BCLK1.
0
0b = slave
1b = master
Bits[3:2]
Sync serial mode
Used to select the format of the data for the inputs used by the synchronous serial input block.
00
00b = I2S
01b = left-justified
10b = right-justified
11b = not applicable
Bits[1:0]
Sync word width
Used to specify the word width of the data for the synchronous digital inputs.
00
00b = 24 bits
01b = 20 bits
10b = 16 bits
11b = not applicable
Address 0x0005 Analog Power Management 1 Register (Default: 0x8000)
Table 47.
Bit No.
Bit Name
Description
Default
Bit[15]
DAC standby disable
Set to 1 after reset, which means all DACs are in normal mode but are still powered down.
1
0b = DACs in low power mode
1b = DACs in normal mode
Bit[14]
Reserved
Always write as 0 if writing to this register.
0
Bit[13]
REF BUF
Provides the voltage reference for the analog core.
0
1b = block powered up
0b = block powered down
Bit[12]
Reserved
Always write as 0 if writing to this register.
0
Bit[11]
Reserved
Always write as 0 if writing to this register.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com