Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
ADAV4601
Rev. B | Page 8 of 60
TIMING DIAGRAMS
MCLKI
RESET
tMP = 1/fMCLKI
tMCH
tMCL
tRESET
Figure 2. Master Clock and Reset Timing
tJIT
tCH
tCL
tCK
DVDD
GND
Figure 3. Master Clock Output Timing
LRCLK1
BCLK1
SDINx
SDO0
tSLS
tSLH
tSDS tSDH
tSDD
Figure 4. Serial Port Slave Mode Timing
LRCLK1
BCLK1
SDINx
SDO0
tMLD
tMDS tMDH
tMDD
Figure 5. Serial Port Master Mode Timing
ODVDD
100µA
IOL
100µA
IOH
TO OUTPUT
PIN
50pF
Figure 6. Load Circuit for Digital Output Timing Specifications
DVDD
1.8V
0V
3.3V
0V
AVDD
ODVDD
1.0s MAX
1.0s MAX
1.65V
3.0V
0.33V
0.18V
Figure 7. Power-Up Sequence Timing
DVDD
1.8V
0V
3.3V
0V
AVDD
ODVDD
1.0s MAX
1.0s MAX
1.65V
3.0V
0.33V
0.18V
Figure 8. Power-Down Sequence Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com