Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
ADAV4601
Rev. B | Page 29 of 60
TYPICAL APPLICATION DIAGRAM
ADAV4601
BCLK0
LRCLK0
BCLK1
LRCLK1
BCLK2
LRCLK2
SDIN0
SDIN1
SDIN2
SDIN3
SDO0
10µF
10nF
AUXOUT1L
AUXOUT1L
10µF
10nF
AUXOUT1R
AUXOUT1R
100µF
HPOUT1L
HPOUT1L
100µF
HPOUT1R
HPOUT1R
PWM1A
PWM1A
PWM1B
PWM1B
PWM2A
PWM2A
PWM2B
PWM2B
PWM3A
PWM3A
PWM3B
PWM3B
PWM4A
PWM4A
PWM4B
PWM4B
PWM_READY
PWM_READY
SPDIF_OUT
SPDIF_OUT
MCLK_OUT
MCLK_OUT
10µF
10nF
AUXOUT3L
AUXOUT3L
10µF
10nF
AUXOUT4R
AUXOUT4R
XIN
XOUT
C1
C2
MUTE
MUTE
SPDIF_IN6
SPDIF_IN6
SPDIF_IN5
SPDIF_IN5
SPDIF_IN4
SPDIF_IN4
SPDIF_IN3
SPDIF_IN3
SPDIF_IN2
SPDIF_IN2
SPDIF_IN1
SPDIF_IN1
RESET
AD0
SCL
SDA
IC
CONTROLLER
MCLKI
CLOCK
RESET
CIRCUITRY
AUXIN1R
AUXIN1R
20kΩ
10µF
AUXIN1L
AUXIN1L
20kΩ
10µF
+
+
+
1nF
100nF
AVDD (PIN 53)
+
+
+
3.3V
+
1.8V
0.1µF
10µF
3.3V
Figure 47. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com