Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 41 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
ADAV4601
Rev. B | Page 41 of 60
Bit No.
Bit Name
Description
Default
Bits[4:0]
Decay time
These register bits control the decay time for the limiter in the range of 10 dB/s to 320 dB/s in
10 dB/s steps.
00000
0x00 = 10 dB/s (~870 ms)
0x01 = 20 dB/s (~435 ms)
0x02 = 30 dB/s (~289 ms)
0x03 = 40 dB/s (~217 ms)
0x04 = 50 dB/s (~173 ms)
0x05 = 60 dB/s (~144 ms)
0x06 = 70 dB/s (~124 ms)
0x07 = 80 dB/s (~108 ms)
0x08 = 90 dB/s (~96 ms)
0x09 = 100 dB/s (~86 ms)
0x0A = 110 dB/s (~78 ms)
0x0B = 120 dB/s (~72 ms)
0x0C = 130 dB/s (~66 ms)
0x0D = 140 dB/s (~62 ms)
0x0E = 150 dB/s (~57 ms)
0x0F = 160 dB/s (~54 ms)
0x10 = 170 dB/s (~51 ms)
0x11 = 180 dB/s (~48 ms)
0x12 = 190 dB/s (~45 ms)
0x13 = 200 dB/s (~43 ms)
0x14 = 210 dB/s (~41 ms)
0x15 = 220 dB/s (~39 ms)
0x16 = 230 dB/s (~37 ms)
0x17 = 240 dB/s (~36 ms)
0x18 = 250 dB/s (~34 ms)
0x19 = 260 dB/s (~33 ms)
0x1A = 270 dB/s (~32 ms)
0x1B = 280 dB/s (~31 ms)
0x1C = 290 dB/s (~29 ms)
0x1D = 300 dB/s (~28 ms)
0x1E = 310 dB/s (~28 ms)
0x1F = 320 dB/s (~27 ms)
Address 0x0117 Woofer Peak Limiter Control Register (Default: 0x0F00)
Table 33.
Bit No.
Bit Name
Description
Default
Bits[15:13]
Reserved
Always write as 0 if writing to this register.
000
Bits[12:8]
Post gain
These register bits control the post gain in the range of +15 dB to −15 dB in +1 dB steps.
01111
0x00 = +15 dB
0x01 = +14 dB
…
0x08 = +7 dB
…
0x0F = 0 dB
…
0x16 = −7 dB
…
0x1D = −14 dB
0x1E = −15 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com