Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 57 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
ADAV4601
Rev. B | Page 57 of 60
Address 0x0200 EEPROM Self Boot Control Register (Default: 0x0000)
Table 59.
Bit No.
Bit Name
Description
Default
Bits[15]
Self-boot enable
It initiates a self-boot from the external EEPROM.
0
0b = normal operation
1b = initiates self-boot
Bits[14:6]
Reserved
Always write as 0 if writing to this register.
000000000
Bit[5]
Safe load target/slew RAM
Initiates a safe load to the target/slew RAM; cleared when safe load completed.
0
0b = finished
1b = safe load request
Bit[4]
Safe load parameter RAM
Initiates a safe load to the parameter RAM; cleared when safe load completed.
0
0b = finished
1b = safe load request
Bits[3:0]
Reserved
Always write as 0 if writing to this register.
0000
Address 0x0316 EEPROM Device Address Register (Default: 0x0050)
Bit No.
Bit Name
Table 60.
Description
Default
Bits[15:7]
Reserved
Always write as 0 if writing to this register.
000000000
Bits[6:0]
EEPROM device address
0x50 = sets external EEPROM address
1010000
Address 0x0317 EEPROM Data Address Register (Default: 0x0000)
Table 61.
Bit No.
Bit Name
Description
Default
Bits[15:0]
EEPROM start address
0x0000 = default address
0000000000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com