Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADAV4601EBZ Datasheet(PDF) 51 Page - Analog Devices

Part # EVAL-ADAV4601EBZ
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAV4601EBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button EVAL-ADAV4601EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADAV4601EBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
ADAV4601
Rev. B | Page 51 of 60
Address 0x0007 Digital Power Management Register (Default: 0x0000)
Table 49.
Bit No.
Bit Name
Description
Default
Bits[15:8]
Reserved
Always write as 0 if writing to this register.
00000000
Bit[7]
PWM
Powers on the PWM channels.
0
1b = block powered up
0b = block powered down
Bit[6]
S/PDIF TX
Powers on the S/PDIF transmitter.
0
1b = block powered up
0b = block powered down
Bit[5]
Reserved
Always write as 0 if writing to this register.
0
Bit[4]
SRC2
Powers on SRC2.
0
1b = block powered up
0b = block powered down
Bit[3]
SRC1
Powers on SRC1.
0
1b = block powered up
0b = block powered down
Bit[2]
Reserved
Always write as 0 if writing to this register.
0
Bit[1]
ADC/DAC engine
Powers on the ADC/DAC engine.
0
1b = block powered up
0b = block powered down
Bit[0]
Audio processor
Powers on the audio processor core.
0
1b = block powered up
0b = block powered down
Address 0x0009 SPDIF Transmitter Control Register (Default: 0x0000)
Table 50.
Bit No.
Bit Name
Description
Default
Bits[15:8]
Reserved
Always write as 0 if writing to this register.
00000000
Bits[14:12]
SPDIF output select
Selects the source for the SPDIF output.
000
000b = output internally generated SPDIF
001b = output SPDIF_IN2
010b = output SPDIF_IN1
011b = output SPDIF_IN0
100b = output SPDIF_IN3
101b = output SPDIF_IN4
110b = output SPDIF_IN5
111b = output SPDIF_IN6
Bit[11]
SPDIF disable
Enables or disables the SPDIF transmitter.
0
0b = enabled
1b = disabled
Bit[10]
PRE edge
Sets the edge to be used for the preamble.
0
0b = rising edge
1b = falling edge
Bit[9]
Validity polarity
Used to indicate to the receiver if the data in the transmitted stream is valid audio data.
0
0b = valid data sent
1b = invalid data sent
Bit[8]
Copy flag
Used to indicate to the receiver if the data is copyright material.
0
0b = copyright
1b = not copyright
Bits[7:0]
Channel status
Used to specify the type of equipment in use; not applicable when the SPDIF Mux Bits[14:12]
are set to anything other than 000b.
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com