Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 15Page - Texas Instruments CC2400-RTR1 Datasheet HTML 16Page - Texas Instruments CC2400-RTR1 Datasheet HTML 17Page - Texas Instruments CC2400-RTR1 Datasheet HTML 18Page - Texas Instruments CC2400-RTR1 Datasheet HTML 19Page - Texas Instruments CC2400-RTR1 Datasheet HTML 20Page - Texas Instruments CC2400-RTR1 Datasheet HTML 21Page - Texas Instruments CC2400-RTR1 Datasheet HTML 22Page - Texas Instruments CC2400-RTR1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
CC2400
SWRS042A
Page 19 of 83
1
VCO_GUARD
AVDD_VCO
AVDD_PRE
AVDD_RF1
RF_P
TXRX_SWITCH
RF_N
GND
2
3
4
6
5
7
8
CC2400
36
NC
GIO6
SO
SI
CSn
DCLK/FIFO
DIO/PKT
SCLK
35
34
33
31
32
30
29
GND
AVDD_SW
NC
NC
10
11
12
9
RX
DVDD1.8
DVDD3.3
TX
27
28
26
25
AVDD=1.8V
SPI-bus
DVDD=1.8V
Optional
digital
interface
DVDD=1.8V
DVDD Digital I/O
=1.8 / 3.3V
AVDD=1.8V
Folded
dipole
antenna
AVDD=1.8V
R451
C431
C421
XTAL
L61
AVDD=1.8V
L71
Figure 4 Typical application circuit with differential antenna (folded dipole)
Item
Single ended output, discrete
balun
Differential antenna
C62
5.6 pF, +/- 0.25pF, NP0, 0402
Not used
C61
0.5 pF, +/- 0.25pF, NP0, 0402
Not used
C81
0.5 pF, +/- 0.25pF, NP0, 0402
Not used
C71
100 nF, 10%, X5R, 0402
100 nF, 10%, X5R, 0402
C421
18 pF, 5%, NP0, 0402
18 pF, 5%, NP0, 0402
C431
18 pF, 5%, NP0, 0402
18 pF, 5%, NP0, 0402
L61
7.5 nH, 5%, Monolithic/multilayer, 0402
27 nH, 5%, Monolithic/multilayer, 0402
L62
5.6 nH, 5%, Monolithic/multilayer, 0402
Not used
L71
27 nH, 5%, Monolithic/multilayer, 0402
27 nH, 5%, Monolithic/multilayer, 0402
L81
7.5 nH, 5%, Monolithic/multilayer, 0402
Not used
R451
43 k
Ω, 1%, 0402
43 k
Ω, 1%, 0402
XTAL
16 MHz crystal, 16 pF load (CL)
16 MHz crystal, 16 pF load (CL)
NOTE: Decoupling components are not included.
Table 11. Bill of materials for the application circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com