Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 32Page - Texas Instruments CC2400-RTR1 Datasheet HTML 33Page - Texas Instruments CC2400-RTR1 Datasheet HTML 34Page - Texas Instruments CC2400-RTR1 Datasheet HTML 35Page - Texas Instruments CC2400-RTR1 Datasheet HTML 36Page - Texas Instruments CC2400-RTR1 Datasheet HTML 37Page - Texas Instruments CC2400-RTR1 Datasheet HTML 38Page - Texas Instruments CC2400-RTR1 Datasheet HTML 39Page - Texas Instruments CC2400-RTR1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
CC2400
SWRS042A
Page 36 of 83
26 Power Management Flow Chart
CC2400 offers great flexibility for power
management in order to meet strict power
consumption requirements in battery-
operated applications.
After reset the
CC2400 is in Power Down
mode. All configuration registers can then
be programmed in order to make the chip
ready to operate at the correct frequency,
data rate and mode. Due to the very fast
start-up time, the
CC2400 can remain in
Power Down until a transmission session
is requested.
Figure 16 shows a typical power-on and
initializing sequence. After this initializing
sequence the chip is in Power Down mode
with very low power consumption and the
crystal oscillator is not running.
Figure 17 shows the sequence for
entering RX or TX mode. The flow chart
illustrates the simplest way to send a data
packet
using
the
strobe
command
registers. After one or more data packets
are transmitted or received, the chip is
again set to Power Down mode.
During chip initialization a few registers
need to be programmed to other values
than their reset values. SmartRF
® Studio
should be used to find/generate the
required configuration data for these
registers.
Program all registers that are
different from reset value
Reset:
MAIN = 0x0000
MAIN = 0x8000
Power off
Supply power turned on
Power Down
Figure 16. Initializing sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com