Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 67Page - Texas Instruments CC2400-RTR1 Datasheet HTML 68Page - Texas Instruments CC2400-RTR1 Datasheet HTML 69Page - Texas Instruments CC2400-RTR1 Datasheet HTML 70Page - Texas Instruments CC2400-RTR1 Datasheet HTML 71Page - Texas Instruments CC2400-RTR1 Datasheet HTML 72Page - Texas Instruments CC2400-RTR1 Datasheet HTML 73Page - Texas Instruments CC2400-RTR1 Datasheet HTML 74Page - Texas Instruments CC2400-RTR1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
CC2400
SWRS042A
Page 71 of 83
FSTST2 (0x1C) - Frequency Synthesiser Test Register 2
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14:13
VCO_CURCAL_SPEED[1:0]
0
R/W
VCO current calibration speed:
0: Normal
1: Undefined
2: Half speed
3: Undefined.
12
VCO_CURRENT_OE
0
R/W
VCO current manual override enable.
11:6
VCO_CURRENT_O[5:0]
24
R/W
VCO current override value (current A).
5:0
VCO_CURRENT_RES[5:0]
-
R
The resulting VCO current setting from last calibration.
FSTST3 (0x1D) - Frequency Synthesiser Test Register 3
Bit
Field Name
Reset
R/W
Description
15:14
-
0
W0
Reserved, write as 0.
13
CHP_TEST_UP
0
R/W
When CHP_DISABLE=1 forces the CHP to output "up" current.
12
CHP_TEST_DN
0
R/W
When CHP_DISABLE=1 forces the CHP to output "down"
current.
11
CHP_DISABLE
0
R/W
Set to disable charge pump during VCO calibration.
10
PD_DELAY
0
R/W
Selects short or long reset delay in phase detector:
0: Short reset delay
1: Long reset delay
9:8
CHP_STEP_PERIOD[1:0]
2
R/W
The charge pump current value step period:
0: 0.25 us
1: 0.5 us
2: 1 us
3: 4 us
7:4
STOP_CHP_CURRENT[3:0]
13
R/W
The charge pump current to stop at after the current is stepped
down from START_CHP_CURRENT after VCO calibration is
complete. The current is stepped down periodically with intervals
as defined in CHP_STEP_PERIOD.
3:0
START_CHP_CURRENT
[3:0]
13
R/W
The charge pump current to start with after VCO calibration is
complete. The current is then stepped down periodically to the
value STOP_CHP_CURRENT with intervals as defined in
CHP_STEP_PERIOD
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com