Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 58Page - Texas Instruments CC2400-RTR1 Datasheet HTML 59Page - Texas Instruments CC2400-RTR1 Datasheet HTML 60Page - Texas Instruments CC2400-RTR1 Datasheet HTML 61Page - Texas Instruments CC2400-RTR1 Datasheet HTML 62Page - Texas Instruments CC2400-RTR1 Datasheet HTML 63Page - Texas Instruments CC2400-RTR1 Datasheet HTML 64Page - Texas Instruments CC2400-RTR1 Datasheet HTML 65Page - Texas Instruments CC2400-RTR1 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
CC2400
SWRS042A
Page 62 of 83
FREQEST (0x07) - Received frequency offset estimation
Bit
Field Name
Reset
R/W
Description
15:8
RX_FREQ_OFFSET[7:0]
-
R
Estimate of the received signals centre frequency comparison to
the ideal 1 MHz centre frequency. Two's complement signed
value. See page 42.
7:0
-
0
W0
Reserved, write as 0.
IOCFG (0x08) - I/O configuration register
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14:9
GIO6_CFG[5:0]
11
R/W
Configuration of the GIO6 pin. See page 45 for options. The
reset value outputs the signal CRC_OK on pin GIO6.
8:3
GIO1_CFG[5:0]
60
R/W
How to use the GIO1 pin. See page 45 for options. The reset
value outputs the signal LOCK_STATUS on pin GIO1.
2:0
HSSD_SRC[2:0]
0
R/W
For test purposes only.
The HSSD (High Speed Serial Data) test module is used as
follows:
0: Off.
1: Output AGC status (gain setting / peak detector status /
accumulator value)
2: Output ADC I and Q values.
3: Output I/Q after digital down-mixing and channel filtering.
4: Output RX signal magnitude / frequency unfiltered (from
demodulator).
5: Output RX signal magnitude / frequency filtered (from
demodulator).
6: Output RSSI / RX frequency offset estimation
7: Input DAC values.
The HSSD test module requires that the FS is up and running as
it uses CLK_PRE (~150 MHZ) to produce its ~37.5 MHz data
clock and serialize its output words. Also, in order for HSSD to
function properly GRMDM.PIN_MODE must be set for HSSD.
FSMTC (0x0B) - Finite state machine time constants
Bit
Field Name
Reset
R/W
Description
15:13
TC_RXON2AGCEN[2:0]
3
R/W
The time in 5 µs steps from RX is turned on until the AGC is
enabled. This time constant must be large enough to allow the
RX chain to settle so that the AGC algorithm starts working on a
proper signal. The default value corresponds to 15 us.
12:10
TC_PAON2SWITCH[2:0]
6
R/W
The time in µs from TX is started until the TX/RX switch allows
the TX signal to pass.
9:6
RES[9:6]
10
R/W
Reserved
5:3
TC_TXEND2SWITCH[2:0]
2
R/W
The time in µs from TX is stopped (for instance the last bit of the
packet is sent) until the RX/TX switch breaks the TX output and
the PKT signal is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com