Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 68 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 64Page - Texas Instruments CC2400-RTR1 Datasheet HTML 65Page - Texas Instruments CC2400-RTR1 Datasheet HTML 66Page - Texas Instruments CC2400-RTR1 Datasheet HTML 67Page - Texas Instruments CC2400-RTR1 Datasheet HTML 68Page - Texas Instruments CC2400-RTR1 Datasheet HTML 69Page - Texas Instruments CC2400-RTR1 Datasheet HTML 70Page - Texas Instruments CC2400-RTR1 Datasheet HTML 71Page - Texas Instruments CC2400-RTR1 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
CC2400
SWRS042A
Page 68 of 83
Bit
Field Name
Reset
R/W
Description
9:8
AFC_SETTLING[1:0]
3
R/W
Controls how many max-min pairs that are used to compute the
output.
00: 1 pair
01: 2 pairs
10: 4 pairs
11: 8 pairs
7:0
AFC_DELTA[7:0]
75
R/W
Programmable level used in AFC-algorithm that indicates the
expected frequency deviation of the received signal. See page
42 for further details.
MDMTST1 (0x15) - Modem Test Register 1
Bit
Field Name
Reset
R/W
Description
15:7
-
0
W0
Reserved, write as 0.
6:0
BSYNC_THRESHOLD[6:0]
75
R/W
Threshold value used in clock recovery algorithm. Sets the level
for when re-synchronization takes place.
DACTST (0x16) - DAC Test Register
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14:12
DAC_SRC[2:0]
0
R/W
The TX DACs data source is selected by DAC_SRC according
to:
0: Normal operation (from modulator).
1: The DAC_I_O and DAC_Q_O override values below.
2: From ADC
3: I/Q after digital down-mixing and channel filtering.
4: Full-spectrum White Noise (from PRNG.)
5: RX signal magnitude / frequency filtered (from demodulator).
6: RSSI / RX frequency offset estimation.
7: HSSD module.
This feature will often require the DACs to be manually turned on
in MANOVR and PAMTST.ATESTMOD_MODE=4.
11:6
DAC_I_O[5:0]
0
R/W
I-branch DAC override value.
5:0
DAC_Q_O[5:0]
0
R/W
Q-branch DAC override value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com