Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 26Page - Texas Instruments CC2400-RTR1 Datasheet HTML 27Page - Texas Instruments CC2400-RTR1 Datasheet HTML 28Page - Texas Instruments CC2400-RTR1 Datasheet HTML 29Page - Texas Instruments CC2400-RTR1 Datasheet HTML 30Page - Texas Instruments CC2400-RTR1 Datasheet HTML 31Page - Texas Instruments CC2400-RTR1 Datasheet HTML 32Page - Texas Instruments CC2400-RTR1 Datasheet HTML 33Page - Texas Instruments CC2400-RTR1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
CC2400
SWRS042A
Page 30 of 83
FIFO. When all data is read, the next two
bytes in the FIFO are the CRC.
If the reception of the packet is error free,
the PKTSTATUS.CRC_OK flag is set (also
available on the GIO1 and GIO6 pins).
The CRC polynomial is:
x
16 + x15 + x2 + 1
Packet field
Preamble
Synchronisation word
Data field
CRC
Use
Mandatory
Mandatory
Mandatory
Optional
Length
≥ 1 byte
1, 2, 3 or 4 bytes
≥ 1 byte
2 bytes
GRMDM
register
configuration bits
PRE_BYTES[2:0]
SYNC_WORD_SIZE[1:0]
CRC_ON
Table 16. Data packet format
Figure 11. Packet format details (with recommended lengths of preamble and
synchronization word)
Preamble bits
(1010...1010)
Data f ield
Optional CRC-16 calculation
Legend:
Inserted automatically in TX,
processed and remov ed in RX.
Unprocessed user data
32 bits
16/32 bits
8 x n bits
16 bits
Optional 8/10 coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com