Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 68Page - Texas Instruments CC2400-RTR1 Datasheet HTML 69Page - Texas Instruments CC2400-RTR1 Datasheet HTML 70Page - Texas Instruments CC2400-RTR1 Datasheet HTML 71Page - Texas Instruments CC2400-RTR1 Datasheet HTML 72Page - Texas Instruments CC2400-RTR1 Datasheet HTML 73Page - Texas Instruments CC2400-RTR1 Datasheet HTML 74Page - Texas Instruments CC2400-RTR1 Datasheet HTML 75Page - Texas Instruments CC2400-RTR1 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
CC2400
SWRS042A
Page 72 of 83
MANFIDL (0x1E) - Manufacturer ID, Lower 16 Bit
Bit
Field Name
Reset
R/W
Description
15:12
PARTNUM[3:0]
1
R
The device part number.
CC2400 has part number 0x001.
11:0
MANFID[11:0]
0X33D
R
Gives the JEDEC manufacturer ID. The actual manufacturer ID
can be found in MANIFID[7:1], the number of continuation
bytes in MANFID[11:8] and MANFID[0]=1.
Chipcon's JEDEC manufacturer ID is 0x7F 0x7F 0x7F 0x9E
(0x9E preceded by three continuation bytes.)
MANFIDH (0x1F) - Manufacturer ID, Upper 16 Bit
Bit
Field Name
Reset
R/W
Description
15:12
VERSION[3:0]
0
R
Chip version number.
11:0
PARTNUM[15:4]
0
R
The device part number.
CC2400 has part number 0x001.
GRMDM (0x20) - Generic Radio Modem Control and Status
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14:13
SYNC_ERRBITS_ALLOWED
[1:0]
0
R/W
Sync word detection occurs when the number of bits in the sync
word correlator different from that specified by the SYNC
registers is equal to or lower than SYNC_ERRBITS_ALLOWED.
12:11
PIN_MODE[1:0]
1
R/W
Selects between un-buffered mode, buffered mode or test mode.
The pin configuration is set according to Table 15.
0: Un-buffered mode
1: Buffered mode
2: HSSD test mode
3: Unused
10
PACKET_MODE
1
R/W
When this bit is set the packet mode is enabled. The pin
configuration is set according to Table 15.
In TX, this enables preamble generation, sync word, and CRC
appending (if enabled by CRC_ON) in the buffered mode.
In RX, this enables sync word detection in buffered
and un-
buffered modes, and CRC verification (if enabled by CRC_ON) in
buffered mode.
9:7
PRE_BYTES[2:0]
3
R/W
The number of preamble bytes ("01010101") to be sent in packet
mode:
000: 0
001: 1
010: 2
011: 4
100: 8
101: 16
110: 32
111: Infinitely on
6:5
SYNC_WORD_SIZE[1:0]
3
R/W
The size of the packet mode sync word sent in TX and correlated
against in RX:
00: The 8 MSB bits of SYNC_WORD.
01: The 16 MSB bits of SYNC_WORD.
10: The 24 MSB bits of SYNC_WORD.
11: The 32 MSB bits of SYNC_WORD.
4
CRC_ON
1
R/W
In packet mode a CRC is calculated and is transmitted after the
data in TX, and a CRC is calculated during reception in RX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com