Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 49Page - Texas Instruments CC2400-RTR1 Datasheet HTML 50Page - Texas Instruments CC2400-RTR1 Datasheet HTML 51Page - Texas Instruments CC2400-RTR1 Datasheet HTML 52Page - Texas Instruments CC2400-RTR1 Datasheet HTML 53Page - Texas Instruments CC2400-RTR1 Datasheet HTML 54Page - Texas Instruments CC2400-RTR1 Datasheet HTML 55Page - Texas Instruments CC2400-RTR1 Datasheet HTML 56Page - Texas Instruments CC2400-RTR1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
CC2400
SWRS042A
Page 53 of 83
46 System Considerations and Guidelines
46.1 SRD regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. SRDs (Short Range Devices)
for license free operation are allowed to
operate in the 2.45 GHz bands worldwide.
The most important regulations are EN
300 440 and EN 300 328 (Europe), FCC
CFR47 part 15.247 and 15.249 (USA),
and ARIB STD-T66 (Japan).
The
CC2400EM
reference
design
complies with EN 300 440. If frequency
hopping is to be used at 1 Mbps data rate,
GFSK should be selected to keep the
bandwidth below 1 MHz. The
CC2400
complies with EN 300 440 class 2 if the
band spacing is 2 MHz or more. It
complies with EN 300 440 class 1 if the
channel and band spacing is 10 MHz or
more.
Please
note
that
compliance
with
regulations is dependent on complete
system performance. It is the customer’s
responsibility to ensure that the system
complies with regulations.
46.2 Frequency hopping and multi-
channel systems
The 2.400 – 2.4835 GHz band is shared
by many systems both in industrial, office
and home environment. It is therefore
recommended to use frequency hopping
spread spectrum (FHSS) or a multi-
channel protocol because the frequency
diversity makes the system more robust
with respect to interference from other
systems operating in the same frequency
band.
CC2400 is highly suited for FHSS or multi-
channel systems due to its agile frequency
synthesizer and effective communication
interface. Using the packet handling
support and data buffering is also
beneficial in such systems as these
features will significantly offload the host
controller.
Due to the low-IF I/Q receiver and the on-
chip complex filtering, the image channel
will be significantly rejected. This is
important for all 2.4GHz systems.
46.3 Data burst transmissions
The high maximum data rate of
CC2400
opens up for burst transmissions. A low
average data rate link (say 10 kbps), can
be realized using a higher over-the-air
data
rate.
Buffering
the
data
and
transmitting in bursts at high data rate (say
1 Mbps) will reduce the time in active
mode, and hence also reduce the average
current consumption significantly.
46.4 Continuous transmissions
In data streaming applications the
CC2400
opens up for continuous transmissions at
1 Mbps effective data rate. A typical
application is digital audio systems. As the
modulation is done with an I/Q up-
converter with LO I/Q-signals coming from
a closed loop PLL, there is no limitation in
the length of a transmission. (Open loop
modulation used in some transceivers
often prevents this kind of continuous data
streaming and reduces the effective data
rate.)
46.5 Crystal drift compensation
A unique feature in
CC2400 is the very fine
frequency
resolution
using
the
MDMCTRL.MOD_OFFSET[5:0].
This
feature can be used to compensate for
frequency
offset
and
drift.
The
compensation affects both the receiver
and the transmitter of the device being
compensated. I.e. the received signal of
the device will match the receiver’s
channel filter better. In the same way the
center frequency of the transmitted signal
will match the ‘external’ transmitter’s
signal.
Initial adjustment can be done using this
frequency
programmability.
This
eliminates the need for an expensive
TCXO and trimming in some applications.
The frequency offset between an ‘external’
transmitter and the receiver is measured
in the
CC2400 and can be read back from
an
internal
register
(FREQEST.RX_FREQ_OFFSET[7:0]).
The measured frequency offset can thus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com