Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 11Page - Texas Instruments CC2400-RTR1 Datasheet HTML 12Page - Texas Instruments CC2400-RTR1 Datasheet HTML 13Page - Texas Instruments CC2400-RTR1 Datasheet HTML 14Page - Texas Instruments CC2400-RTR1 Datasheet HTML 15Page - Texas Instruments CC2400-RTR1 Datasheet HTML 16Page - Texas Instruments CC2400-RTR1 Datasheet HTML 17Page - Texas Instruments CC2400-RTR1 Datasheet HTML 18Page - Texas Instruments CC2400-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
CC2400
SWRS042A
Page 15 of 83
15 Circuit Description
LNA
DIGITAL
DEMODULATOR
- Digital RSSI
- Gain Control
- Image Suppression
- Channel Filtering
- Demodulation
DIGITAL
MODULATOR
- Data Filtering
- Modulation
- Power Control
On-chip
BIAS
DIGITAL
INTERFACE /
FIFO
Σ
AGC CONTROL
TX POWER CONTROL
TX/RX CONTROL
XOSC
16 MHz
ADC
ADC
DAC
DAC
0
90
FREQ
SYNTH
SmartRF ®
CC2400
Power
Control
PA
Figure 2.
CC2400 simplified block diagram
A simplified block diagram of
CC2400 is
shown in Figure 2.
CC2400 features a low-IF receiver. The
received RF signal is amplified by the low-
noise amplifier (LNA) and down-converted
in quadrature (I and Q) to the intermediate
frequency (IF). At IF (1 MHz), the I/Q
signal is filtered and amplified, and then
digitized by the ADCs.
Automatic gain
control,
final
channel
filtering,
demodulation and bit synchronization is
performed digitally.
CC2400 outputs (in un-buffered mode only)
the digital demodulated data on the DIO
pin. A synchronized data clock is then
available at the DCLK pin. In buffered
mode the demodulated data is sent to a
FIFO and is accessible through the SPI
interface. RSSI is available in digital
format and can be read via the serial
interface. The RSSI also features a
programmable carrier sense indicator with
output on either GIO1 or GIO6.
In transmit mode the baseband signal is
directly up-converted quadrature (I and Q)
and then fed to the power amplifier (PA).
The TX IF signal is frequency shift keyed
(FSK). Optionally Gaussian filtering can be
used enabling GFSK. The BT of the
Gaussian filter is 0.5 for a datarate of
1 Mbps.
The internal T/R switch circuitry simplifies
the antenna interface and matching. The
antenna connection is differential. The
biasing of the PA and LNA is done by
connecting TXRX_SWITCH to RF_P and
RF_N through an external DC path.
The frequency synthesizer includes a
completely on-chip LC VCO and a 90
degrees phase splitter for generating the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com