Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 62Page - Texas Instruments CC2400-RTR1 Datasheet HTML 63Page - Texas Instruments CC2400-RTR1 Datasheet HTML 64Page - Texas Instruments CC2400-RTR1 Datasheet HTML 65Page - Texas Instruments CC2400-RTR1 Datasheet HTML 66Page - Texas Instruments CC2400-RTR1 Datasheet HTML 67Page - Texas Instruments CC2400-RTR1 Datasheet HTML 68Page - Texas Instruments CC2400-RTR1 Datasheet HTML 69Page - Texas Instruments CC2400-RTR1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
CC2400
SWRS042A
Page 66 of 83
LMTST (0x12) - LNA and receive mixers test register
Bit
Field Name
Reset
R/W
Description
15:14
-
0
W0
Reserved, write as 0.
13
RXMIX_HGM
1
R/W
Receiver mixers high gain mode enable.
12:11
RXMIX_TAIL[1:0]
1
R/W
Control of the receiver mixers output current.
0: 12 µA
1: 16 µA (Nominal)
2: 20 µA
3:24 µA
10:9
RXMIX_VCM[1:0]
1
R/W
Controls VCM level in the mixer feedback loop
0: 8 µA mixer current
1: 12 µA mixer current (Nominal)
2: 16 µA mixer current
3: 20 µA mixer current
Must be set to 0 during chip initialisation.
8:7
RXMIX_CURRENT[1:0]
2
R/W
Controls current in the mixer
0: 360 µA mixer current (x2)
1: 720 µA mixer current (x2)
2: 900 µA mixer current (x2) (Nominal)
3: 1260 µA mixer current (x2)
6:5
LNA_CAP_ARRAY[1:0]
1
R/W
Selects varactor array setting in the LNA
0: OFF
1: 0.1pF (x2) (Nominal)
2: 0.2pF (x2)
3: 0.3pF (x2)
4
LNA_LOWGAIN
0
R/W
Selects low gain mode of the LNA
0: 19 dB (Nominal)
1: 7 dB
3:2
LNA_GAIN[1:0]
0
R/W
Controls current in the LNA gain compensation branch
0: OFF (Nominal)
1: 100 µA LNA current
2: 300 µA LNA current
3: 1000 µA LNA current
1:0
LNA_CURRENT[1:0]
2
R/W
Controls main current in the LNA
0: 240 µA LNA current (x2)
1: 480 µA LNA current (x2)
2: 640 µA LNA current (x2) (Nominal)
3: 1280 µA LNA current (x2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com