Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 60Page - Texas Instruments CC2400-RTR1 Datasheet HTML 61Page - Texas Instruments CC2400-RTR1 Datasheet HTML 62Page - Texas Instruments CC2400-RTR1 Datasheet HTML 63Page - Texas Instruments CC2400-RTR1 Datasheet HTML 64Page - Texas Instruments CC2400-RTR1 Datasheet HTML 65Page - Texas Instruments CC2400-RTR1 Datasheet HTML 66Page - Texas Instruments CC2400-RTR1 Datasheet HTML 67Page - Texas Instruments CC2400-RTR1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
CC2400
SWRS042A
Page 64 of 83
Bit
Field Name
Reset
R/W
Description
3
ADC_PD
1
R/W
Power down control of the ADCs.
2
VGA_PD
1
R/W
Power down control of the VGA.
1
RXBPF_PD
1
R/W
Power down control of the band-pass receive filter.
0
LNAMIX_PD
1
R/W
Power down control of the LNA, down-conversion mixers and
front-end bias.
FSMSTATE (0x0E) - Finite state machine information and breakpoint
Bit
Field Name
Reset
R/W
Description
15:13
-
0
W0
Reserved, write as 0.
12:8
FSM_STATE_BKPT[4:0]
0
R/W
FSM breakpoint state. State=0 means that breakpoints are
disabled.
7:5
-
0
W0
Reserved, write as 0.
4:0
FSM_CUR_STATE[4:0]
-
R
Gives the current state of the finite state machine.
ADCTST (0x0F) - ADC Test Register
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14:8
ADC_I[6:0]
-
R
Read the current ADC I-branch value.
7
-
0
W0
Reserved, write as 0.
6:0
ADC_Q[6:0]
-
R
Read the current ADC Q-branch value.
RXBPFTST (0x10) - Receiver Band-pass Filters Test Register
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14
RXBPF_CAP_OE
0
R/W
RX band-pass filter capacitance calibration override enable.
13:7
RXBPF_CAP_O[6:0]
0
R/W
RX band-pass filter capacitance calibration override value.
6:0
RXBPF_CAP_RES[6:0]
-
R
RX band-pass filter capacitance calibration result.
0 Minimum capacitance in the feedback.
1: Second smallest capacitance setting.
…
127: Maximum capacitance in the feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com