Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 63Page - Texas Instruments CC2400-RTR1 Datasheet HTML 64Page - Texas Instruments CC2400-RTR1 Datasheet HTML 65Page - Texas Instruments CC2400-RTR1 Datasheet HTML 66Page - Texas Instruments CC2400-RTR1 Datasheet HTML 67Page - Texas Instruments CC2400-RTR1 Datasheet HTML 68Page - Texas Instruments CC2400-RTR1 Datasheet HTML 69Page - Texas Instruments CC2400-RTR1 Datasheet HTML 70Page - Texas Instruments CC2400-RTR1 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
CC2400
SWRS042A
Page 67 of 83
MANOR (0x13) - Manual signal OR override register
3
Bit
Field Name
Reset
R/W
Description
15
VGA_RESET_N
0
R/W
Overrides VGA_RESET_N used to reset the peak detectors in
the VGA in the RX chain.
14
LOCK_STATUS
0
R/W
Overrides the LOCK_STATUS top-level signal that indicates
whether VCO lock is achieved or not.
13
BALUN_CTRL
0
R/W
Overrides the BALUN_CTRL signal that controls whether the PA
should receive its required external biasing (1) or not (0) by
controlling the RX/TX output switch.
12
RXTX
0
R/W
Overrides the RXTX signal that controls whether the LO buffers
(0) or PA buffers (1) should be used.
11
PRE_PD
0
R/W
Power down of prescaler.
10
PA_N_PD
0
R/W
Power down of PA (negative path).
9
PA_P_PD
0
R/W
Power down of PA (positive path). When PA_N_PD=1 and
PA_P_PD
=1 the up-conversion mixers are in power down.
8
DAC_LPF_PD
0
R/W
Power down of TX DACs.
7
BIAS_PD
0
R/W
Power down control of global bias generator + XOSC clock
buffer.
6
XOSC16M_PD
0
R/W
Power down control of 16 MHz XOSC core.
5
CHP_PD
0
R/W
Power down control of charge pump.
4
FS_PD
0
R/W
Power down control of VCO, I/Q generator, LO buffers.
3
ADC_PD
0
R/W
Power down control of the ADCs.
2
VGA_PD
0
R/W
Power down control of the VGA.
1
RXBPF_PD
0
R/W
Power down control of complex band-pass receive filter.
0
LNAMIX_PD
0
R/W
Power down control of LNA, down-conversion mixers and front-
end bias.
MDMTST0 (0x14) - Modem Test Register 0
Bit
Field Name
Reset
R/W
Description
15:14
-
0
W0
Reserved, write as 0.
13
TX_PRNG
0
R/W
When set, the transmitted data is taken from a 10-bit PRNG
instead of from the DIO pin in un-buffered mode or from the
FIFO in buffered mode.
12
TX_1MHZ_OFFSET_N
0
R/W
Determines TX IF frequency:
0: 1 MHz (Not used)
1: 0 MHz (During initialization this bit must be set to a logical ’1’.)
11
INVERT_DATA
0
R/W
When this bit is set the data are inverted (internally) before
transmission, and inverted after reception.
10
AFC_ADJUST_ON_PACKET
0
R/W
When this bit is set to '1', modem parameters are adjusted for
slow tracking of the received signal as opposed to quick
acquisition when a packet is received in RX.
•
3 See footnote for MANAND register (address 0x0D) for description of the use of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com